Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8622912PSC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z8622912PSC
Description  NTSC LINE 21 CCD DECODER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8622912PSC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z8622912PSC Datasheet HTML 6Page - Zilog, Inc. Z8622912PSC Datasheet HTML 7Page - Zilog, Inc. Z8622912PSC Datasheet HTML 8Page - Zilog, Inc. Z8622912PSC Datasheet HTML 9Page - Zilog, Inc. Z8622912PSC Datasheet HTML 10Page - Zilog, Inc. Z8622912PSC Datasheet HTML 11Page - Zilog, Inc. Z8622912PSC Datasheet HTML 12Page - Zilog, Inc. Z8622912PSC Datasheet HTML 13Page - Zilog, Inc. Z8622912PSC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
<
065% .KPG%%& &GEQFGT
ZiLOG

24 ' . + /+ 0# 4 ;
&5 
< $.1%-&+#)4#/ &'5%4+26+10 %QPVKPWGF
HSQR. These timing signals are used in the data output (dis-
play) circuits.
The H signal is further divided in the LINE and FLD CNTR
to produce the various decodes used to establish vertical
lock, time displays, and control functions required for prop-
er operation. The H signal is also used to generate the
Smooth Scroll timing signal for display.
The V Lock circuits produce a noise free vertical pulse de-
rived from the horizontal timing signal. When the user se-
lects Video as the vertical lock source, the internal synchro-
nizing signals are phased up with the incoming video by
comparing the internally generated vertical pulse to an input
vertical pulse. These pulses are derived from the Comp Sync
signal provided by the Sync Slicer. In the vertical lock set
to VIN mode, the VIN signal is used in place of the signal
derived from Comp Sync. In either case, when proper phas-
ing has been established, this circuit outputs the LOCK sig-
nal which is used to provide additional noise immunity to
the slicing circuits.
The LOCKed state is established only after several succes-
sive fields have occurred and the two vertical pulses remain
in sync. When LOCKed, the internal timing will flywheel
until the timing of the two vertical pulses lose coincidence
for a number of consecutive fields. Until LOCK is estab-
lished, the decoder operates on a pulse-by-pulse basis.
Command Processor
The Command Processor circuit controls the manipulation
of the data for storage and display. This circuit processes
the Control Port input commands to determine the display
status required and the data channel selected. During the dis-
play time (lines 43–237), this information is used to control
the loading, addressing, clearing of the Display RAM, and
the operations of the Character ROM and Output Logic cir-
cuits.
During data recovery time (TV lines 21–42), the Command
Processor, in conjunction with the data recovery circuits, re-
covers the XDS data and the data for the selected data chan-
nel. Data is sent to the RAM for storage and display and/or
to the serial port, as appropriate. Where necessary, the Com-
mand Processor converts the input data to the appropriate
form.
Output Logic
The Output Logic circuits operate together to generate the
output color signals RED, GREEN and BLUE, and the Box
signal. When MONOchrome mode is selected, all three col-
or outputs carry the luminance information. These outputs
are positive output logic signals.
The character ROM contains the dot pattern for all the char-
acters. The output logic provides the hardware underline,
graphics characters, and the Italics slant-generator circuits.
The smooth scroll display is achieved by the smooth scroll
counter logic, which controls the addressing of the Charac-
ter ROM.
Decoder Control Circuit
The Decoder Control Circuit block is the users communi-
cations port. The circuit converts the information provided
to the control port into the necessary internal control signals
required to establish the operating mode of the decoder. This
port can be operated in one of two serial modes. The SMS
pin is used to establish either of the two serial control modes.
In the two wire (I2C) control mode, the Z86229 responds
to its slave address for both the read and write conditions.
If the read bit is Low (indicating a WRITE sequence), then
the Z86229 responds with an acknowledge. The master
should then send an address byte followed by a data byte.
If the read bit is High (indicating a READ sequence), then
the Z86229 responds with an acknowledge followed by a
status byte and a data byte, respectively. Read data, how-
ever, is only available through indirect addressing; write ad-
dressing exhibits both indirect and direct modes. The busy
bit in the status byte indicates whether the write operation
has been completed or if read data is available.
The SPI mode is a three wire bus with the Z86229 acting
as the slave device. Communication is synchronized by the
SCK signal generated by the master. Typically, the serial
data output is transmitted on the falling edge of SCK and
the received data is captured on the rising edge of SCK. All
data is exchanged as 8-bit bytes.
Voltage/Current Reference
The Voltage/Current Reference circuit uses an externally-
connected resistor to establish the reference levels that are
used throughout the Z86229. For a minimal cost, an external
resistor can provide improved internal precision.


Similar Part No. - Z8622912PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227-04PSC ZILOG-Z86227-04PSC Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
More results

Similar Description - Z8622912PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L2908 ZILOG-Z86L2908 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
Z86129 ZILOG-Z86129 Datasheet
927Kb / 50P
   NTSC LINE 21 DECIDER
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com