Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8622912PSC Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z8622912PSC
Description  NTSC LINE 21 CCD DECODER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8622912PSC Datasheet(HTML) 5 Page - Zilog, Inc.

  Z8622912PSC Datasheet HTML 1Page - Zilog, Inc. Z8622912PSC Datasheet HTML 2Page - Zilog, Inc. Z8622912PSC Datasheet HTML 3Page - Zilog, Inc. Z8622912PSC Datasheet HTML 4Page - Zilog, Inc. Z8622912PSC Datasheet HTML 5Page - Zilog, Inc. Z8622912PSC Datasheet HTML 6Page - Zilog, Inc. Z8622912PSC Datasheet HTML 7Page - Zilog, Inc. Z8622912PSC Datasheet HTML 8Page - Zilog, Inc. Z8622912PSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
<
ZiLOG
065% .KPG %%& &GEQFGT
&5
24 ' . + /+ 0# 4 ;

ELECTRICAL CHARACTERISTICS
Nonstandard Video Signals must have the characteristics
indicatedinTables 3–6.
Table 3. Non-Standard Video Signal Characteristics
2CTCOGVGT
%QPFKVKQPU
5[PE #ORNKVWFG
O8 OKPKOWO
8GTVKECN2WNUG 9KFVJ
* v*
8GTVKECN2WNUG 6KNV
O8 OCZKOWO
* 6KOKPI
2JCUG 5VGR *GCF 5YKVEJ v zU OCZKOWO
(J &GXKCVKQP NQPI VGTO vOCZKOWO
(J R R &GXKCVKQP UJQTV VGTO vOCZKOWO
8GTVKECN5[PE 5KIPCN
6JG KPVGTPCNU[PE EKTEWKVU NQEMU VQ CNNQT NKPG UKIPCNU JCXKPICXGTVKECNU[PE
RWNUG VJCVOGGVU VJGHQNNQYKPI EQPFKVKQPU
It is at least 3H +/– 0.5H wide.
It starts at the proper 2H boundary for its field.
If equalizing pulse serrations are present, they must be less than 0.125H in width.
/KPKOWO 5KIPCNVQ 0QKUG
6JG<HWPEVKQPU FQYP VQ CF$ UKIPCNVQ PQKUG TCVKQ %%+4 YGKIJVGF YKVJ
QPG GTTQT RGTTQY QT DGVVGT CVVJCV NGXGN
4CVKQ VQ %QORQUKVG 8KFGQ
+PRWV
Table 4. Horizontal Signal Input
2CTCOGVGT
%QPFKVKQPU
#ORNKVWFG
%/15 NGXGN UKIPCNYJGTG.QY 8%%
8KFGQ .QEM /QFG
2QNCTKV[
(TGSWGPE[
#P[
 *\ v
*+0 .QEM /QFG
2QNCTKV[
(TGSWGPE[
#P[
5COG CU &KURNC[ *QTK\QPVCN (N[DCEM 2WNUG *($ RWNUG
Table 5. Line Input Parameters
2CTCOGVGT
%QPFKVKQPU
%QFG #ORNKVWFG
 +4'
%QFG <GTQ .GXGN
+4'
 +4' TGNCVKXGVQ $CEM2QTEJ
5VCTV QH %QFG


µU /GCUWTG HTQO VJG OKFRQKPV QHVJGNGCFKPI GFIG QHVJG EQORQUKVG
XKFGQ *U[PE RWNUG VQ VJG OKFRQKPV QHVJGTKUKPI GFIG QHVJG HKTUVENQEM TWP KP E[ENG
5VCTV QH VJG &CVC

µU  µU

µU /GCUWTG HTQO VJG OKFRQKPV QH VJG HCNNKPI GFIG QH VJG
OQUVTGEGPV ENQEMTWP KP E[ENG VQ VJGOKFRQKPVQHVJG TKUKPI GFIG QH VJGUVCTVDKV
Note: Line 21 must be in its proper position to the leading edge of the Vertical Sync signal.


Similar Part No. - Z8622912PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227-04PSC ZILOG-Z86227-04PSC Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
More results

Similar Description - Z8622912PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L2908 ZILOG-Z86L2908 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
Z86129 ZILOG-Z86129 Datasheet
927Kb / 50P
   NTSC LINE 21 DECIDER
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com