Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CA15584 Datasheet(HTML) 1 Page - Ledil, Inc.

Part No. CA15584
Description  ~340° decorative beam. Assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LEDIL [Ledil, Inc.]
Homepage  http://www.ledil.com/
Logo 

CA15584 Datasheet(HTML) 1 Page - Ledil, Inc.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
PRODUCT
DATASHEET
CA15584_ZORYA-MINI-TAPE
ZORYA-MINI-TAPE
~340°
decorative
beam.
Assembly
with
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 24 mm
Height
14.6 mm
Fastening
tape, snaps
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
6.1 kg
Quantity in Box
1920 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ZORYA-MINI
Lens
PC
clear
ZORYA-MINI-TAPE
Tape
PU tape
black
Last update: 07/02/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Html Pages

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn