Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F16000 Datasheet(PDF) 5 Page - Ledil, Inc.

Part # F16000
Description  Asymmetric beam for wall washing and 0.5 mm metal sheet or profile
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16000 Datasheet(HTML) 5 Page - Ledil, Inc.

  F16000 Datasheet HTML 1Page - Ledil, Inc. F16000 Datasheet HTML 2Page - Ledil, Inc. F16000 Datasheet HTML 3Page - Ledil, Inc. F16000 Datasheet HTML 4Page - Ledil, Inc. F16000 Datasheet HTML 5Page - Ledil, Inc. F16000 Datasheet HTML 6Page - Ledil, Inc. F16000 Datasheet HTML 7Page - Ledil, Inc. F16000 Datasheet HTML 8Page - Ledil, Inc. F16000 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRODUCT
DATASHEET
F16000_LINNEA-ZT25-B
PHOTOMETRIC DATA (MEASURED):
LED
LT-H562C
FWHM
Asymmetric
Efficiency
82 %
Peak intensity
0.680 cd/lm
Required components:
LED
LT-Q282B
FWHM
Asymmetric
Efficiency
82 %
Peak intensity
0.710 cd/lm
Required components:
LED
LT-S282H
FWHM
Asymmetric
Efficiency
81 %
Peak intensity
0.710 cd/lm
Required components:
LED
LT-S562H
FWHM
Asymmetric
Efficiency
81 %
Peak intensity
0.710 cd/lm
Required components:
Last update: 25/01/2018
Subject to change without prior notice
5/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - F16000

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16002 LEDIL-F16002 Datasheet
1Mb / 23P
   Mirella Reflector
F16002 LEDIL-F16002 Datasheet
5Mb / 7P
   ~50째 wide beam compatible with LEDiL HEKLA
F16002 LEDIL-F16002_18 Datasheet
5Mb / 7P
   ~50째 wide beam compatible with LEDiL HEKLA
F16007 LEDIL-F16007 Datasheet
1Mb / 12P
   Florence Lens array
F16007 LEDIL-F16007 Datasheet
7Mb / 7P
   ~90째 wide beam
More results

Similar Description - F16000

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16810 LEDIL-F16810 Datasheet
4Mb / 9P
   Asymmetric beam for wall-washing optimized for 0.5 mm metal sheet or profile
F16842 LEDIL-F16842 Datasheet
3Mb / 10P
   Asymmetric beam for wall-washing and 1.0 mm metal sheet or profile
F15999 LEDIL-F15999 Datasheet
2Mb / 9P
   Double asymmetric beam optimized for 0.5 mm metal sheet or profile
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
   Asymmetric beam for wall washing
F14344 LEDIL-F14344 Datasheet
9Mb / 10P
   Asymmetric beam for wall-washing
CP17598 LEDIL-CP17598 Datasheet
1Mb / 4P
   Asymmetric beam for wall-washing
CP17592 LEDIL-CP17592 Datasheet
1Mb / 4P
   Asymmetric beam for wall-washing
F15685 LEDIL-F15685 Datasheet
2Mb / 6P
   Asymmetric beam for wall-washing
C16307 LEDIL-C16307 Datasheet
3Mb / 5P
   Asymmetric beam for wall-washing
FCA14295 LEDIL-FCA14295 Datasheet
3Mb / 7P
   Asymmetric beam for wall-washing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com