Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBST6-PLCRD Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # FBST6-PLCRD
Description  Solid-state relay module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FBST6-PLCRD Datasheet(HTML) 1 Page - PHOENIX CONTACT

  FBST6-PLCRD Datasheet HTML 1Page - PHOENIX CONTACT FBST6-PLCRD Datasheet HTML 2Page - PHOENIX CONTACT FBST6-PLCRD Datasheet HTML 3Page - PHOENIX CONTACT FBST6-PLCRD Datasheet HTML 4Page - PHOENIX CONTACT FBST6-PLCRD Datasheet HTML 5Page - PHOENIX CONTACT FBST6-PLCRD Datasheet HTML 6Page - PHOENIX CONTACT FBST6-PLCRD Datasheet HTML 7Page - PHOENIX CONTACT FBST6-PLCRD Datasheet HTML 8Page - PHOENIX CONTACT FBST6-PLCRD Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/kr/products/2900397
05/25/2018   Page 1 / 10
Solid-state relay module - PLC-PT-EIK 1-SVN 24P/P - 2900397
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE for NAMUR applications, consisting of PLC-BPT.../21 basic terminal block with push-in
connection and integrated circuit, for mounting on DIN rail NS 35/7,5, positive switching, 1 N/O contact, input
voltage 24 V DC
Why buy this product
 Connection option for PLC-V8 adapter
 Stabilized supply voltage for the NAMUR proximity switch
 24 V/50 mA digital output for directly connecting programmable logic controllers
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4046356506779
Weight per Piece (excluding packing)
31.130 g
Custom tariff number
85369010
Country of origin
Germany
Note
Made to Order (non-returnable)
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
80 mm
Depth
86 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 50 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C


Similar Part No. - FBST6-PLCRD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FBST6-PLCRD PHOENIX-FBST6-PLCRD Datasheet
157Kb / 11P
   Solid-state relay module
FBST6-PLCRD PHOENIX-FBST6-PLCRD Datasheet
131Kb / 9P
   Solid-state relay module
FBST6-PLCRD PHOENIX-FBST6-PLCRD Datasheet
148Kb / 11P
   Solid-state relay module
FBST6-PLCRD PHOENIX-FBST6-PLCRD Datasheet
590Kb / 14P
   Universal PLC Interface with PDT Relay
FBST6-PLCRD PHOENIX-FBST6-PLCRD Datasheet
164Kb / 12P
   Solid-state relay module
More results

Similar Description - FBST6-PLCRD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com