Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-OPT-72DC Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # PLC-OPT-72DC
Description  Solid-state relay module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-OPT-72DC Datasheet(HTML) 6 Page - PHOENIX CONTACT

  PLC-OPT-72DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-OPT-72DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-OPT-72DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-OPT-72DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-OPT-72DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-OPT-72DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-OPT-72DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-OPT-72DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-OPT-72DC Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
https://www.phoenixcontact.com/kr/products/2900394
05/25/2018   Page 6 / 9
Solid-state relay module - PLC-OPT- 72DC/110DC/3RW - 2900394
Accessories
Continuous plug-in bridge - FBST 500-PLC GY - 2966838
Continuous plug-in bridge, length: 500 mm, color: gray
 
 
Single plug-in bridge - FBST 6-PLC RD - 2966236
Single plug-in bridge, length: 6 mm, number of positions: 2, color: red
 
 
Single plug-in bridge - FBST 6-PLC BU - 2966812
Single plug-in bridge, length: 6 mm, number of positions: 2, color: blue
 
 
Single plug-in bridge - FBST 6-PLC GY - 2966825
Single plug-in bridge, length: 6 mm, number of positions: 2, color: gray
 
 
Single plug-in bridge - FBST 8-PLC GY - 2967688
Single plug-in bridge, length: 8 mm, number of positions: 2, color: gray
 
 
DIN rail
DIN rail, unperforated - NS 35/ 7,5 V2A UNPERF 2000MM - 0801377
DIN rail, unperforated, Standard profile, width: 35 mm, height: 7.5 mm, in acc. with EN 60715: 2001,
material: Stainless steel V2A, uncoated, length: 2000 mm, color: silver
 
 


Similar Part No. - PLC-OPT-72DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OPT-110DC PHOENIX-PLC-OPT-110DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-120AC PHOENIX-PLC-OPT-120AC Datasheet
76Kb / 5P
   Resistant to vibrations and shocks
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-220DC PHOENIX-PLC-OPT-220DC Datasheet
76Kb / 5P
   Resistant to vibrations and shocks
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
More results

Similar Description - PLC-OPT-72DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com