Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-BSC-48DC Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # PLC-BSC-48DC
Description  Solid-state relay module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-BSC-48DC Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button PLC-BSC-48DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 9Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 10Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967507
05/25/2018   Page 7 / 11
Solid-state relay module - PLC-OSP- 24DC/ 24DC/ 2/ACT - 2967507
Accessories
Single plug-in bridge - FBST 8-PLC GY - 2967688
Single plug-in bridge, length: 8 mm, number of positions: 2, color: gray
 
 
Controller board
System connection - PLC-V8/FLK14/OUT - 2295554
V8 adapter for 8 x PLC-INTERFACE (6.2 mm); Controller: PLC system cabling of output cards; connection 1: Plug
connection; connection 2: 1x IDC/FLK pin strip (14-position); number of channels: 8; control logic: positive switching
 
 
System connection - PLC-V8/FLK14/OUT/M - 2304102
V8 adapter for 8 x PLC-INTERFACE (6.2 mm); Controller: PLC system cabling of output cards; connection 1: Plug
connection; connection 2: 1x IDC/FLK pin strip (14-position); number of channels: 8; control logic: negative switching
 
 
System connection - PLC-V8/D15S/OUT - 2296058
V8 adapter for 8 x PLC-INTERFACE (6.2 mm); Controller: PLC system cabling of output cards; connection 1: Plug
connection; connection 2: 1x D-SUB pin strip (15-position); number of channels: 8; control logic: positive switching
 
 
System connection - PLC-V8/D15B/OUT - 2296061
V8 adapter for 8 x PLC-INTERFACE (6.2 mm); Controller: PLC system cabling of output cards; connection 1: Plug
connection; connection 2: 1x D-SUB socket strip (15-position); number of channels: 8; control logic: positive switching
 
 
DIN rail
DIN rail, unperforated - NS 35/ 7,5 V2A UNPERF 2000MM - 0801377
DIN rail, unperforated, Standard profile, width: 35 mm, height: 7.5 mm, in acc. with EN 60715: 2001,
material: Stainless steel V2A, uncoated, length: 2000 mm, color: silver


Similar Part No. - PLC-BSC-48DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-BSC-48DC PHOENIX-PLC-BSC-48DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-BSC-48DC PHOENIX-PLC-BSC-48DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-BSC-48DC PHOENIX-PLC-BSC-48DC Datasheet
159Kb / 12P
   Solid-state relay module
PLC-BSC-48DC PHOENIX-PLC-BSC-48DC Datasheet
157Kb / 11P
   Solid-state relay module
More results

Similar Description - PLC-BSC-48DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com