Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101S051 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S051
Description  Single Channel, 500 kSPS, 8-Bit A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S051 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC101S051 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 9Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 10Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 11Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 12Page - National Semiconductor (TI) ADC101S051 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Applications Information (Continued)
5.0 ANALOG INPUTS
An equivalent circuit for one of the ADC081S051’s input
channels is shown in Figure 7. Diodes D1 and D2 provide
ESD protection for the analog inputs. At no time should any
input go beyond (V
A + 300 mV) or (GND − 300 mV), as these
ESD diodes will begin conducting, which could result in
erratic operation.
The capacitor C1 in Figure 7 has a typical value of 4 pF, and
is mainly the package pin capacitance. Resistor R1 is the on
resistance of the multiplexer and track / hold switch, and is
typically 500 ohms. Capacitor C2 is the ADC081S051 sam-
pling capacitor and is typically 26 pF. The ADC081S051 will
deliver best performance when driven by a low-impedance
source to eliminate distortion caused by the charging of the
sampling capacitance. This is especially important when
using the ADC081S051 to sample AC signals. Also important
when sampling dynamic signals is a band-pass or low-pass
filter to reduce harmonics and noise, improving dynamic
performance.
6.0 DIGITAL INPUTS AND OUTPUTS
The ADC081S051 digital inputs (SCLK and CS) are not
limited by the same absolute maximum ratings as the analog
inputs. The digital input pins are instead limited to +6.5V with
respect to GND, regardless of V
A, the supply voltage. This
allows the ADC081S051 to be interfaced with a wide range
of logic levels, independent of the supply voltage.
7.0 MODES OF OPERATION
The ADC081S051 has two possible modes of operation:
normal mode, and shutdown mode. The ADC081S051 en-
ters normal mode (and a conversion process is begun) when
CS is pulled low. The device will enter shutdown mode if CS
is pulled high before the tenth falling edge of SCLK after CS
is pulled low, or will stay in normal mode if CS remains low.
Once in shutdown mode, the device will stay there until CS is
brought low again. By varying the ratio of time spent in the
normal and shutdown modes, a system may trade-off
throughput for power consumption.
7.1 Normal Mode
The fastest possible throughput is obtained by leaving the
ADC081S051 in normal mode at all times, so there are no
power-up delays. To keep the device in normal mode con-
tinuously, CS must be kept low until after the 10th falling
edge of SCLK after the start of a conversion (remember that
a conversion is initiated by bringing CS low).
If CS is brought high after the 10th falling edge, but before
the 16th falling edge, the device will remain in normal mode,
but the current conversion will be aborted, and SDATA will
return to TRI-STATE (truncating the output word).
Sixteen SCLK cycles are required to read all of a conversion
word from the device. After sixteen SCLK cycles have
elapsed, CS may be idled either high or low until the next
conversion. If CS is idled low, it must be brought high again
before the start of the next conversion, which begins when
CS is again brought low.
After sixteen SCLK cycles, SDATA returns to TRI-STATE.
Another conversion may be started, after t
QUIET
has
elapsed, by bringing CS low again.
7.2 Shutdown Mode
Shutdown mode is appropriate for applications that either do
not sample continuously, or it is acceptable to trade through-
put for power consumption. When the ADC081S051 is in
shutdown mode, all of the analog circuitry is turned off.
To enter shutdown mode, a conversion must be interrupted
by bringing CS back high anytime between the second and
tenth falling edges of SCLK, as shown in Figure 8. Once CS
has been brought high in this manner, the device will enter
shutdown mode; the current conversion will be aborted and
SDATA will enter TRI-STATE. If CS is brought high before the
second falling edge of SCLK, the device will not change
mode; this is to avoid accidentally changing mode as a result
of noise on the CS line.
20145514
FIGURE 7. Equivalent Input Circuit
20145516
FIGURE 8. Entering Shutdown Mode
www.national.com
11


Similar Part No. - ADC101S051

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
More results

Similar Description - ADC101S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com