Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XHF2-1162 Datasheet(HTML) 1 Page - Mini-Circuits

Part No. XHF2-1162
Description  High Pass Filter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

XHF2-1162 Datasheet(HTML) 1 Page - Mini-Circuits

  XHF2-1162 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
Reflectionless
High Pass Filter
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
XHF2-Series
50
DC to 30 GHz
CASE STYLE: MC1630-1
The Big Deal
• Patented design eliminates in band spurs
• Pass band cut-off up to 18.3 GHz
• Stop band up to 30 GHz
• Excellent repeatability through IPD* process
Product Overview
Mini-Circuits’ XHF2-Series reflectionless filters employs a novel filter topology which absorbs and ter-
minates stop band signals internally rather than reflecting them back to the source. This new capability
enables unique applications for filter circuits beyond those suited to traditional approaches. Traditional
filters are reflective in the stop band, sending signals back to the source at 100% of the power level which
interact with neighboring components and often result in intermodulation and other interferences. Reflec-
tionless filters eliminate stop band reflections, allowing them to be paired with sensitive devices and used
in applications that otherwise require circuits such as isolation amplifiers or attenuators.
Key Features
Advantages
Easy integration with sensitive reflective
components, e.g. mixers, multipliers
Reflectionless filters absorb unwanted signals, preventing reflections back to the
source. This reduces generation of additional unwanted signals without the need
for extra components like attenuators, improving system dynamic range and sav-
ing board space.
Enables stable integration of wideband
amplifiers
Because reflectionless filters maintain good impedance in the stop band; they
can be integrated with high gain, wideband amplifiers without the risk of creating
instabilities in these out of band regions.
Cascadable
Reflectionless filters can be cascaded in multiple sections to provide sharper and
higher attenuation, while also preventing any standing waves that could affect
pass band signals.
Excellent power handling in a tiny surface
mount device
High power handling extends the usability of these filters to the transmit path for
inter-stage filtering.
Small size, 2x2mm QFN
Allows replacement of filter/attenuator pairs with a single reflectionless filter, sav-
ing board space.
Excellent repeatability of RF performance
Through semiconductor IPD process, X-series filters are inherently repeatable for
large volume production.
Excellent stability over temperature
With ±0.3 dB variation over temperature ideal for use in wide temperature range
applications without the need for additional temperature compensation.
Operating temperature up to 105˚C
Suitable for operation close to high power components.
*IPD – Integrated Passive Device, is a GaAs semiconductor process


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn