Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XHF2-1162 Datasheet(HTML) 2 Page - Mini-Circuits

Part No. XHF2-1162
Description  High Pass Filter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

XHF2-1162 Datasheet(HTML) 2 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
Reflectionless
High Pass Filter
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. B
M161573
XHF2-1162+
ED15042922
RS/CP/AM
170424
XHF2-1162+
50
11.6 to 30 GHz
General Description
Mini-Circuits’ XHF2-1162+ reflectionless filter employs a novel filter topology which absorbs and terminates
stop band signals internally rather than reflecting them back to the source. This new capability enables
unique applications for filter circuits beyond those suited to traditional approaches. Traditional filters are
reflective in the stop band, sending signals back to the source at 100% of the power level. These reflections
interact with neighboring components and often result in inter-modulation and other interferences. Reflec-
tionless filters eliminate stop band reflections, allowing them to be paired with sensitive devices and used
in applications that otherwise require circuits such as isolation amplifiers or attenuators.
simplified schematic and pad description
Function
Pad
Number
Description
RF-IN
2
RF Input Pad
RF-OUT
5
RF Output Pad
GND
1,3,4,6, Paddle
Connected to ground externally
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Applications
• Wi-Fi
• WiMax
• Microwave Radio
• Military & Space
Features
• Match to 50Ω in the stop band, eliminates
undesired reflections
• Cascadable
• Excellent Power handling
• Temperature stable, up to 105°C
• Small size, 2 x 2 mm
• Protected by US Patent No. 8,392,495
CASE STYLE: MC1630-1


Html Pages

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn