Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XHF2-1162 Datasheet(HTML) 3 Page - Mini-Circuits

Part No. XHF2-1162
Description  High Pass Filter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

XHF2-1162 Datasheet(HTML) 3 Page - Mini-Circuits

  XHF2-1162 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
MMIC Reflectionless Filter
Page 3 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Electrical Specifications1 at 25°C
XHF2-1162+
1
Measured on Mini-Circuits Characterization Test Board TB-883-1162+
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Stop Band
Rejection
DC - F’
DC - 2500
6.9
dB
F’ - F1
2500 - 8700
12.0
13.6
Frequency Cut-off
F2
10400
2.9
VSWR
DC - F’
DC - 2500
2.7
:1
F’ - F1
2500 - 8100
1.8
Pass Band
Insertion Loss
F3 - F4
11600 - 20000
1.6
dB
F4 - F5
20000 - 30000
1.0
VSWR
F3 - F4
11600 - 20000
2.0
:1
F4 - F5
20000 - 30000
1.9
0
5
10
15
20
25
30
0
5000
10000
15000
20000
25000
30000
FREQUENCY (MHz)
XHF2-1162+
INSERTION LOSS
1.0
1.4
1.8
2.2
2.6
3.0
0
5000
10000
15000
20000
25000
30000
FREQUENCY (MHz)
XHF2-1162+
VSWR
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
100
7.15
2.72
500
8.10
2.67
1000
10.75
2.49
1500
14.39
2.27
2500
20.53
1.81
3000
19.69
1.68
4000
18.62
1.33
8700
13.80
1.70
10400
2.99
1.13
11600
1.41
1.14
12000
1.22
1.20
20000
0.98
1.74
23000
0.80
1.34
25000
1.01
1.68
27000
0.97
1.49
30000
0.99
1.25
ESD rating
Human body model (HBM): Class 1A (250 to<500 V) in accordance with ANSI/ESD 5.1-2001
Absolute Maximum Ratings4
Parameter
Ratings
Operating Temperature
-55°C to +105°C
Storage Temperature
-65°C to +150°C
RF Power Input, Passband (F3-F5)2
1.26W at 25°C
RF Power Input, Stopband (DC-F3)3
0.25W at 25°C
2
Passband rating derates linearly to 0.63W at 105°C ambient
3
Stopband rating derates linearly to 0.12W at 105°C ambient
4
Permanent damage may occur if any of these limits are exceeded.
F5
F4
F2
F1
F3
FREQUENCY (MHz)
DC
Specification Definition
F’


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn