Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW359 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FW359
Description  FW359
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW359 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FW359 Datasheet HTML 1Page - Sanyo Semicon Device FW359 Datasheet HTML 2Page - Sanyo Semicon Device FW359 Datasheet HTML 3Page - Sanyo Semicon Device FW359 Datasheet HTML 4Page - Sanyo Semicon Device FW359 Datasheet HTML 5Page - Sanyo Semicon Device FW359 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FW359
No.7549-4/6
0
0
8
7
9
10
8
79
6
5
2
14
3
10
2
1
4
3
6
5
総ゲート電荷量, Qg -- nC
VGS -- Qg
IT06049
VDS=30V
ID=3A
[Nch]
0--2
--4
--6
--8
50
200
250
300
350
100
150
400
450
500
0
--12
--10
--14
--16
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
IT06054
0--0.2
--0.3
--0.1
0
--2.0
--2.5
--3.0
--1.0
--1.5
--0.5
0
--3
--2
--4
--5
--6
--1
--1.0
--0.8
--0.9
--0.6
--0.7
ドレイン・ソース電圧, VDS -- V
ID -- VDS
IT06052
0--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
ゲート・ソース電圧, VGS -- V
ID -- VGS
IT06053
周囲温度, Ta -- °C
RDS(on) -- Ta
IT06055
--60
--40
--20
0
20
40
60
80
100
120
140
VDS= --10V
--0.4
--0.5
VGS= --3.0V
--3.5V
Ta=25°C
ID= --1.5A
--3.0A
80
100
120
140
20
40
60
160
180
200
220
240
260
280
300
0
I D
= --1.5
A, V
GS
= --
4V
ID=
--3.0A,
VGS
= --10V
[Pch]
[Pch]
[Pch]
[Pch]
IT06057
ダイオード順電圧, VSD -- V
IF -- VSD
ドレイン電流, ID -- A
IT06056
--0.01
--0.1
23
5 7
--1.0
23
5 7
2
3
5 7 --10
1.0
7
5
3
2
0.1
5
7
3
2
10
yfs -- ID
--0.6
--0.8
--0.4
--1.0
--1.2
--0.2
0
--0.01
--10
--1.0
--0.1
7
5
3
2
7
5
3
2
7
5
3
2
VGS=0
VDS= --10V
Ta=
--25
°C
75
°C
25
°C
[Pch]
[Pch]
[Nch]
A S O
ドレイン・ソース電圧, VDS -- V
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
23
5 7
2
3
5 7
0.1
1.0
10
23
5
7 100
IT06061
Ta=25°C
1パルス
セラミック基板(2000mm2×0.8mm)装着時
≦10µs
100
µs
DC
operation
1ms
100ms
10ms
10s
ID= --3A
IDP= --14A
Operation in this area
is limited by RDS(on).


Similar Part No. - FW359

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW30 ETC1-FW30 Datasheet
56Kb / 1P
   30 Watt AC Adapter
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
List of Unclassifed Man...
FW3012-760-NC ETC1-FW3012-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
FW3015-760-NC ETC1-FW3015-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com