Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16256 Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS41C16256
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41C16256 Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS41C16256 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS41C16256 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS41C16256 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41C16256 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41C16256 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41C16256 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41C16256 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41C16256 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41C16256 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IS41C16256
IS41LV16256
4
Integrated Circuit Solution Inc.
DR001-0E 01/25/2002
FunctionalDescription
The IS41C16256 and IS41LV16256 is a CMOS DRAM
optimized for high-speed bandwidth, low power applica-
tions. During READ or WRITE cycles, each bit is uniquely
addressed through the 18 address bits. These are en-
tered 9 bits (A0-A8) at a time. The row address is latched
by the Row Address Strobe (
RAS). The column address
is latched by the Column Address Strobe (
CAS). RAS is
used to latch the first nine bits and
CAS is used the latter
nine bits.
The IS41C16256 and IS41LV16256 has two
CAS controls,
LCAS and UCAS. The LCAS and UCAS inputs internally
generates a
CAS signal functioning in an identical man-
ner to the single
CAS input on the other 256K x 16
DRAMs. The key difference is that each
CAS controls its
corresponding I/O tristate logic (in conjunction with
OE
and
WE and RAS). LCAS controls I/O0 through I/O7 and
UCAS controls I/O8 through I/O15.
The IS41C16256 and IS41LV16256
CAS function is
determined by the first
CAS (LCAS or UCAS) transitioning
LOW and the last transitioning back HIGH. The two
CAS
controls give the IS41C16256 both BYTE READ and
BYTE WRITE cycle capabilities.
Memory Cycle
A memory cycle is initiated by bring
RAS LOW and it is
terminated by returning both
RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of
CAS or OE,
whichever occurs last, while holding
WE HIGH. The
column address must be held for a minimum time specified
by tAR. Data Out becomes valid only when tRAC, tAA, tCAC
and tOEA are all satisfied. As a result, the access time is
dependent on the timing relationships between these
parameters.
Write Cycle
A write cycle is initiated by the falling edge of
CAS and
WE, whichever occurs last. The input data must be valid
at or before the falling edge of
CAS or WE, whichever
occurs first.
Refresh Cycle
To retain data, 512 refresh cycles are required in each
8 ms period. There are two ways to refresh the memory.
1. By clocking each of the 512 row addresses (A0 through
A8) with
RAS at least once every 8 ms. Any read, write,
read-modify-write or
RAS-only cycle refreshes the
addressed row.
2. Using a
CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding
CAS LOW. In CAS-before-RAS refresh
cycle, an internal 9-bit counter provides the row
ad-
dresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Extended Data Out Page Mode
EDO page mode operation permits all 512 columns within
a selected row to be randomly accessed at a high data
rate.
In EDO page mode read cycle, the data-out is held to the
next
CAS cycle’s falling edge, instead of the rising edge.
For this reason, the valid data output time in EDO page
mode is extended compared with the fast page mode. In
the fast page mode, the valid data output time becomes
shorter as the
CAS cycle time becomes shorter. Therefore,
in EDO page mode, the timing margin in read cycle is
larger than that of the fast page mode even if the
CAS cycle
time becomes shorter.
In EDO page mode, due to the extended data function, the
CAS cycle time can be shorter than in the fast page mode
if the timing margin is the same.
The EDO page mode allows both read and write opera-
tions during one
RAS cycle, but the performance is
equivalent to that of the fast page mode in that case.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initial-
ization cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that
RAS track with
VCC or be held at a valid VIH to avoid current surges.


Similar Part No. - IS41C16256

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-35K ISSI-IS41C16256-35K Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-35T ISSI-IS41C16256-35T Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-50KI ISSI-IS41C16256-50KI Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-50TI ISSI-IS41C16256-50TI Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16256

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com