Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4960-1 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4960-1
Description  5 GHz, Low Distortion lADC Driver/Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4960-1_17 Datasheet HTML 4Page - Analog Devices ADA4960-1_17 Datasheet HTML 5Page - Analog Devices ADA4960-1_17 Datasheet HTML 6Page - Analog Devices ADA4960-1_17 Datasheet HTML 7Page - Analog Devices ADA4960-1_17 Datasheet HTML 8Page - Analog Devices ADA4960-1_17 Datasheet HTML 9Page - Analog Devices ADA4960-1_17 Datasheet HTML 10Page - Analog Devices ADA4960-1_17 Datasheet HTML 11Page - Analog Devices ADA4960-1_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADA4960-1
Data Sheet
Rev. A | Page 8 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5 V, VOCM = 2.5 V, R
L = 100 Ω differential, AV = 6 dB, CL = 1 pF differential, f = 140 MHz, T = 25°C.
20
15
10
5
0
–5
0.01
0.1
1
10
FREQUENCY (GHz)
AV = 18dB
AV = 12dB
AV = 6dB
AV = 0dB
Figure 5. Small Signal Frequency Response,
Gain vs. Frequency at AV = 0 dB, AV = 6 dB, AV = 12 dB, and AV = 18 dB
0.6
0.4
0.2
–0.2
–0.4
–0.6
0
–0.2
0
0.2
AV = 6dB
AV = 18dB
0.4
0.6
TIME (ns)
80%
20%
AV = 12dB
AV (dB)
SLEW RATE (V/µs)
7200
4900
6
12
18
3700
Figure 6. Rise Time, VOUT vs. Time, VOUT = 1 V p-p
14
16
18
20
22
24
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
AV = 18dB
AV = 12dB
AV = 6dB
Figure 7. Noise Figure vs. Frequency at AV = 6 dB, AV = 12 dB, and AV = 18 dB
100
1000
50
8
10
12
14
16
18
FREQUENCY (MHz)
AV = 18dB
AV = 12dB
AV = 6dB
Figure 8. RTO Noise Spectral Density vs. Frequency at
AV = 6 dB, AV = 12 dB, and AV = 18 dB
0.6
0.8
1.0
1.2
0.4
0.2
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
0
–0.2
0
0.2
AV = 6dB
0.4
0.6
0.8
1.0
TIME (ns)
AV (dB)
SLEW RATE (V/µs)
8700
7700
6
12
18
6600
AV = 12dB
AV = 18dB
80%
20%
Figure 9. Rise Time, VOUT vs. Time, VOUT = 2 V p-p
13
12
11
10
9
8
7
100
200
300
400
500
FREQUENCY (MHz)
600
700
800
900
1000
AV = 18dB
AV = 12dB
AV = 6dB
Figure 10. P1dB vs. Frequency at AV = 6 dB, AV = 12 dB, and AV = 18 dB


Similar Part No. - ADA4960-1_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4960-1 AD-ADA4960-1_16 Datasheet
420Kb / 21P
   5 GHz, Low Distortion ADC Driver/Line Driver
More results

Similar Description - ADA4960-1_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4960-1 AD-ADA4960-1_16 Datasheet
420Kb / 21P
   5 GHz, Low Distortion ADC Driver/Line Driver
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555 TI1-LMH6555_14 Datasheet
1Mb / 37P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Fairchild Semiconductor
KH561 FAIRCHILD-KH561 Datasheet
182Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Analog Devices
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
logo
Cadeka Microcircuits LL...
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
   Wideband, Low Distortion Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com