Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB104V03-A1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LB104V03-A1
Description  Liquid Crystal Display
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LB104V03-A1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LB104V03-A1 Datasheet HTML 3Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 4Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 5Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 6Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 7Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 8Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 9Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 10Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Product Specification
7 / 24
LB104V03
Liquid Crystal Display
Ver. 1.1
Oct. 10, 2003
5. The output of the inverter must have symmetrical(negative and positive) voltage waveform and
symmetrical current waveform.(Unsymmetrical ratio is less than 10%) Please do not use the inverter
which has unsymmetrical voltage and unsymmetrical current and spike wave.
Lamp frequency may produce interference with horizontal synchronous frequency and as a result this
may cause beat on the display. Therefore lamp frequency shall be as away possible from the horizontal
synchronous frequency and from its harmonics in order to prevent interference.
6. Let’s define the brightness of the lamp after being lighted for 5 minutes as 100%.
T
S is the time required for the brightness of the center of the lamp to be not less than 95%.
7. The lamp power consumption shown above does not include loss of external inverter for 2 CCFLs.
The used lamp current is the lamp typical current.
8. The life time is determined as the time at which brightness of the lamp is 50% compared to that of initial
value at the typical lamp current on condition of continuous operating at 25
± 2°C.
∗ Requirements for a system inverter design, which is intended to have a better display performance, a
better power efficiency and a more reliable lamp, are following. It shall help increase the lamp lifetime and
reduce leakage current.
a. The asymmetry rate of the inverter waveform should be less than 10%.
b. The distortion rate of the waveform should be within
√2 ± 10%.
* Inverter output waveform had better be more similar to ideal sine wave.
∗ Do not attach a conducting tape to lamp connecting wire.
If the lamp wire attach to a conducting tape, TFT-LCD Module has a low luminance and the inverter
has abnormal action. Because leakage current is occurred between lamp wire and conducting tape.
I p
I -p
* Asymmetry rate:
| I
p – I –p | / Irms * 100%
* Distortion rate
I
p (or I –p) / Irms
3-2. Interface Connections
This LCD employs Three interface connections, a 30 pin connector is used for the module electronics interface
and the other connectors are used for the integral backlight system.
The electronics interface connector is a model KN10G-30S-1H manufactured by Hirose,
GT101-30S-H16 manufactured by LG Cable or equivalent.
(Mating connector: FI-X30M manufactured by JAE)
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)


Similar Part No. - LB104V03-A1

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LB10 GULFSEMI-LB10 Datasheet
96Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Similar Description - LB104V03-A1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com