Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV16256-50K Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS41LV16256-50K
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41LV16256-50K Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IS41LV16256-50K Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41LV16256-50K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41LV16256-50K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41LV16256-50K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41LV16256-50K Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41LV16256-50K Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41LV16256-50K Datasheet HTML 10Page - Integrated Circuit Solution Inc IS41LV16256-50K Datasheet HTML 11Page - Integrated Circuit Solution Inc IS41LV16256-50K Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IS41C16256
IS41LV16256
8
Integrated Circuit Solution Inc.
DR001-0E 01/25/2002
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-25
-35
-50
-60
Symbol
Parameter
Min. Max. Min. Max.
Min. Max.
Min. Max. Units
tACH
Column-Address Setup Time to
CAS
15
15
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
5
8
10
15
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0
0—
0—
0—
ns
tDH
Data-In Hold Time(15, 22)
5
6—
8—
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
65
80
125
140
ns
tRWD
RAS to WE Delay Time during
35
45
70
80
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
17
25
34
36
ns
tAWD
Column-Address to
WE Delay Time(14)
21
30
42
49
ns
tPC
EDO Page Mode READ or WRITE
10
12
20
25
ns
Cycle Time(24)
tRASP
RAS Pulse Width in EDO Page Mode
25
100K
35
100K
50
100K
50
100K
ns
tCPA
Access Time from
CAS Precharge(15)
—14
21
—27
34
ns
tPRWC
EDO Page Mode READ-WRITE
32
40
47
56
ns
Cycle Time(24)
tCOH
Data Output Hold after
CAS LOW
5
5—
5—
5—
ns
tOFF
Output Buffer Turn-Off Delay from
3
15
3
15
3
15
3
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from
WE
3
15
3
15
3
15
3
15
ns
tCLCH
Last
CAS going LOW to First CAS
10
10
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
5—
8
10
10
ns
tCHR
CAS Hold Time (CBR REFRESH)(30, 21)
7—
8
10
10
ns
tORD
OE Setup Time prior to RAS during
0
0
0
0
ns
HIDDEN REFRESH Cycle
tREF
Refresh Period (512 Cycles)
8
8
8
8
ms
tT
Transition Time (Rise or Fall)(2, 3)
1
50
1
50
1
50
1
50
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 pF (Vcc = 5.0V
±
±
±
±
±10%)
One TTL Load and 50 pF (Vcc = 3.3V
±
±
±
±
±10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V
±
±
±
±
±10%);
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V
±
±
±
±
±10%)
Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5V
±
±
±
±
±10%, 3.3V ±
±
±
±
±10%)


Similar Part No. - IS41LV16256-50K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256-35K ISSI-IS41LV16256-35K Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256-35T ISSI-IS41LV16256-35T Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256-60K ISSI-IS41LV16256-60K Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256-60KI ISSI-IS41LV16256-60KI Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256-60T ISSI-IS41LV16256-60T Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16256-50K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com