Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12347 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # CA12347
Description  ~16째 diffused spot beam optimized for Avago Jade.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12347 Datasheet(HTML) 3 Page - Ledil, Inc.

  CA12347_18 Datasheet HTML 1Page - Ledil, Inc. CA12347_18 Datasheet HTML 2Page - Ledil, Inc. CA12347_18 Datasheet HTML 3Page - Ledil, Inc. CA12347_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
CA12347_TINA2-D
PHOTOMETRIC DATA (SIMULATED):
LED
Oslon Square Gen3
FWHM
15.0°
Efficiency
94 %
Peak intensity
10.200 cd/lm
Required components:
Last update: 15/05/2018
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12347_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12347 LEDIL-CA12347 Datasheet
157Kb / 4P
   Tina Assembly
More results

Similar Description - CA12347_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Avago Jade.
CP12818 LEDIL-CP12818 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized
CP12671 LEDIL-CP12671 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized
FA10646 LEDIL-FA10646_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83.
CA11942 LEDIL-CA11942 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NCSxx19
FA11209 LEDIL-FA11209 Datasheet
1Mb / 5P
   ~16째 diffused spot beam optimized for LUXEON Rebel
CA11172 LEDIL-CA11172_18 Datasheet
3Mb / 6P
   ~16째 diffused spot beam optimized for Nichia NS6x83
CA12046 LEDIL-CA12046_18 Datasheet
4Mb / 4P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
FA10644 LEDIL-FA10644_18 Datasheet
3Mb / 5P
   ~16째 diffused spot beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com