Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8841MPX Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAN8841MPX
Description  Dual Half-Bridge Piezoelectric Driver with Step-up DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN8841MPX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAN8841MPX Datasheet HTML 3Page - ON Semiconductor FAN8841MPX Datasheet HTML 4Page - ON Semiconductor FAN8841MPX Datasheet HTML 5Page - ON Semiconductor FAN8841MPX Datasheet HTML 6Page - ON Semiconductor FAN8841MPX Datasheet HTML 7Page - ON Semiconductor FAN8841MPX Datasheet HTML 8Page - ON Semiconductor FAN8841MPX Datasheet HTML 9Page - ON Semiconductor FAN8841MPX Datasheet HTML 10Page - ON Semiconductor FAN8841MPX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN8841
• Rev. 1.0
6
Electrical Characteristics
VDD=3.0 V, VDRV=60 V, and TA= -40°C to +125°C. Typical values TA=25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Current Limit Comparator Section
IOCP
OCP Trip Current
ROCP=3.3 K
Ω, VDD=3.3 V
1.85
2.00
2.15
A
ROCP=22 K
Ω,VDD=3.3 V
0.9
1.0
1.1
A
tCS_BLANK
Comparator Leading-Edge Blanking Time
(8)
80
130
180
ns
Step-up Output Control Section
ICON
Internal Current Source for VCON Pin
TA=25°C
9.0
10
11
µA
VCON+
Positive Going Threshold Voltage
(8)
1.0
V
VCON-
Negative Going Threshold Voltage
(8)
0.1
V
Step-up Switch Section
RDSON
N-Channel On Resistance
VDD=3.3 V, TA=25°C
0.2
0.5
Ω
ILK_LX
LX Leakage Current
VLX=36 V
1.0
µA
Logic (EN, IN1,IN2, SD) Section
VINPUT+
Input Logic High Threshold Voltage
1.34
V
VINPUT-
Input Logic Low Threshold Voltage
0.5
V
IINPUT-
Input Low Current
VEN=0 V
1
µA
IINPUT+
Input High Current
VEN=VDD
16
24
32
µA
RINPUT
Input Logic Pull-Down Resistance
VEN=VINPUT=3 V
125
K
Ω
Full-Bridge Switch Section
RDS,ONP
Output Upper-Side On Resistance
TA=25°C
3.0
5.0
Ω
RDS,ONN
Output Low-Side On Resistance
3.0
5.0
Ω
tON
Turn-on Propagation Delay Time
VDRV=30 V, TA=25°C
300
ns
tOFF
Turn-off Propagation Delay Time
330
ns
Protection (UVP, and OVP )
VUVP
Under-Voltage Threshold of DC-DC Con.
11
12
13
V
HYUVP
Under-Voltage Hysteresis
1.0
V
VOVP
OVP Threshold Voltage
1.05
1.10
1.15
V
HYOVP
OVP Hysteresis Voltage
0.1
V
tFO
Fault Output Duration
20
30
µs
VFOL
Fault Output Low Level voltage
RPU=50 K
Ω, VPU=3 V
0.1
0.4
V
Note:
8.
This parameter, although guaranteed by design, is not tested in production.


Similar Part No. - FAN8841MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811MNTXG ONSEMI-FAN8811MNTXG Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
More results

Similar Description - FAN8841MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN8831 ONSEMI-FAN8831 Datasheet
369Kb / 12P
   Sinusoidal Piezoelectric Actuator Driver Step-Up DC-DC Converter
December 2014 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1_15 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944 LINER-LT1944_15 Datasheet
169Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com