Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3792 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3792
Description  PNP HIGH POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3792 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3792 Datasheet HTML 1Page - Microsemi Corporation 2N3792 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/379
Devices
Qualified Level
2N3791
2N3792
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N3791
2N3792
Unit
Collector-Emitter Voltage
VCEO
60
80
Vdc
Collector-Base Voltage
VCBO
60
80
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Base Current
IB
4.0
Adc
Collector Current
IC
10
Adc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +100
0C (2)
PT
5.0
85.7
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
1.17
0C/W
1)
Derate linearly @ 28.57 mW/
0C for TA > +250C
2)
Derate linearly @ 0.857 mW/
0C for TC > +1000C
TO-3*
(TO-204AA)
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
2N3791
2N3792
V(BR)CEO
60
80
Vdc
Collector-Emitter Cutoff Current
VCE = 50 Vdc
2N3791
VCE = 70 Vdc
2N3792
ICES
5.0
5.0
mAdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc, VBE = 1.5 Vdc
2N3791
VCE = 80 Vdc, VBE = 1.5 Vdc
2N3792
ICEX
5.0
5.0
mAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N3792

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3792 MOSPEC-2N3792 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Savantic, Inc.
2N3792 SAVANTIC-2N3792 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Central Semiconductor C...
2N3792 CENTRAL-2N3792 Datasheet
494Kb / 2P
   SILICON PNP POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3792 BOCA-2N3792 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
More results

Similar Description - 2N3792

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6211 MICROSEMI-2N6211 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
JANTX2N5745 MICROSEMI-JANTX2N5745 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N7369JAN MICROSEMI-2N7369JAN Datasheet
55Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
JAN2N4399 MICROSEMI-JAN2N4399 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
MJ4502 ONSEMI-MJ4502 Datasheet
134Kb / 4P
   High-Power PNP Silicon Transistor
October, 2009 ??Rev. 12
logo
Microsemi Corporation
2N7369 MICROSEMI-2N7369 Datasheet
59Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N4399 MICROSEMI-2N4399 Datasheet
57Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
Motorola, Inc
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
   Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
   Plastic High Power Silicon PNP Transistor
logo
ON Semiconductor
BD802 ONSEMI-BD802 Datasheet
46Kb / 4P
   Plastic High Power Silicon PNP Transistor
March, 2001 ??Rev. 9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com