Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12081 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # CA12081
Description  ~80째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12081 Datasheet(HTML) 3 Page - Ledil, Inc.

  CA12081_18 Datasheet HTML 1Page - Ledil, Inc. CA12081_18 Datasheet HTML 2Page - Ledil, Inc. CA12081_18 Datasheet HTML 3Page - Ledil, Inc. CA12081_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
CA12081_OSS-2-WWW
PHOTOMETRIC DATA (MEASURED):
LED
Golden Dragon+
FWHM
80.0°
Efficiency
84 %
Peak intensity
0.420 cd/lm
Required components:
Last update: 16/05/2018
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12081_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12081 LEDIL-CA12081 Datasheet
198Kb / 4P
   Rose Assembly
More results

Similar Description - CA12081_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10342 LEDIL-FA10342_18 Datasheet
3Mb / 4P
   ~50째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
CA10569 LEDIL-CA10569_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon . Assembly with white holder.
CA10561 LEDIL-CA10561_18 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10301 LEDIL-FA10301_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10299 LEDIL-FA10299_18 Datasheet
3Mb / 4P
   ~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10300 LEDIL-FA10300_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Osram Golden Dragon . Assembly with white holder.
CA10572 LEDIL-CA10572_18 Datasheet
1Mb / 4P
   ~45째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10302 LEDIL-FA10302_18 Datasheet
3Mb / 4P
   ~45째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10327 LEDIL-FA10327_18 Datasheet
3Mb / 4P
   ~15째 smooth spot beam optimized for Osram Golden Dragon . Assembly with white holder and installation tape.
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com