Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N1135 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 6N1135
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1135 Datasheet(HTML) 2 Page - Vishay Siliconix

  6N1135 Datasheet HTML 1Page - Vishay Siliconix 6N1135 Datasheet HTML 2Page - Vishay Siliconix 6N1135 Datasheet HTML 3Page - Vishay Siliconix 6N1135 Datasheet HTML 4Page - Vishay Siliconix 6N1135 Datasheet HTML 5Page - Vishay Siliconix 6N1135 Datasheet HTML 6Page - Vishay Siliconix 6N1135 Datasheet HTML 7Page - Vishay Siliconix 6N1135 Datasheet HTML 8Page - Vishay Siliconix 6N1135 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83909
Rev. 1.5, 26-Oct-04
6N1135/ 6N1136
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Value
Unit
Supply voltage
VCC
- 0.5 to 15
V
Output voltage
VO
- 0.5 to 15
V
Emitter-base voltage
VEBO
5.0
V
Output current
IO
8.0
mA
Maximum output current
16
mA
Base current
IB
5.0
mA
Thermal resistance
300
K/W
Power dissipation
Tamb = 70 °C
Pdiss
100
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage (between
emitter and detector climate per
DIN 50014 part 2, NOV 74
t = 1.0 s
VISO
5300
VRMS
Storage temperature range
Tstg
- 55 to + 125
°C
Ambient temperature range
Tamb
- 55 to + 110
°C
Soldering temperature
max.
≤ 10 s, dip soldering
≥ 0.5 mm from case bottom
Tsld
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 16 mA
VF
1.6
1.9
V
Breakdown voltage
IR = 10 µAVBR
5.0
V
Reverse current
VR = 5.0 V
IR
0.5
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CI
125
pF
Temperature coefficient, forward voltage
IF = 16 mA
∆V
F/∆TA
-1.7
mV/°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Logic low supply current
IF = 16 mA, VO open, VCC = 15 V
ICCL
150
µA
Supply current, logic high
IF = 0 mA, VO open, VCC = 15 V
ICCH
0.01
1
µA
Output voltage, output low
IF = 16 mA, VCC = 4.5 V,
IO = 1.1 mA
6N1135
VOL
0.1
0.4
V
IF = 16 mA, VCC = 4.5 V,
IO = 2.4 mA
6N1136
VOL
0.1
0.4
V
Output current, output high
IF = 0 mA, VO = VCC = 5.5 V
IOH
3.0
500
nA
IF = 0 mA, VO = VCC = 15 V
IOH
0.01
1
µA


Similar Part No. - 6N1135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135-X007 VISHAY-6N1135-X007 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
More results

Similar Description - 6N1135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com