Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N1136-X006 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 6N1136-X006
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1136-X006 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 6N1136-X006 Datasheet HTML 2Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 3Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 4Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 5Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 6Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 7Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 8Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 9Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 83909
Rev. 1.5, 26-Oct-04
6N1135/ 6N1136
Vishay Semiconductors
Figure 9. Output Current vs. Temperature
Figure 10. Normalized Current Transfer Ratio vs. Ambient
Temperature
Figure 11. Normalized Current Transfer Ratio vs. Ambient
Temperature
0
1
2
3
4
5
6
7
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( °C )
17587
VCC= 5 V,
VO = 0.4 V, saturated
IF = 20 mA
16 mA
10 mA
2 mA
1 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( °C )
17632
Normalized to IF = 10 mA,
Tamb = 25_C, VCC= 5 V
VO = 5 V, non–saturated
10 mA
5 mA
IF = 1 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( °C )
17633
Normalized to IF = 16 mA,
Tamb = 25_C, VCC= 5 V
VO = 5 V, non–saturated
10 mA
5 mA
IF = 1 mA
16 mA
Figure 12. Normalized HFE vs. Base Current
Figure 13. Normalized HFE vs. Base Current
Figure 14. Photo Current vs. Forward Current
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.10
1.00
10.00
100.00
IB – Base Current ( mA )
17634
Normalized to
IB = 20 µA, Tamb = 25_C,
VO = 5 V, non saturated
110
°C
0
°C
50
°C
25
°C
–55
°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.10
1.00
10.00
100.00
IB – Base Current ( mA )
17635
Normalized to
IB = 20 µA, Tamb = 25_C,
VO = 0.4 V, saturated
110
°C
0
°C
50
°C
25
°C
–55
°C
0.01
0.10
1.00
10.00
100.00
0.01
0.10
1.00
10.00
100.00
IF – Forward Current ( mA )
17636
110
°C
50
°C
25
°C
0
°C
–55
°C
VCC= 5 V


Similar Part No. - 6N1136-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1136-X006 VISHAY-6N1136-X006 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
More results

Similar Description - 6N1136-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com