Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-268K Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-268K
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-268K Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-268K Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Hermetic Optocoupler Options
Option
Description
100
Surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. This
option is available on commercial and hi-rel product in 8 and 16 pin DIP (see drawings below
for details).
200
Lead finish is solder dipped rather than gold plated. This option is available on commercial
and hi-rel product in 8 and 16 pin DIP. DSCC Drawing part numbers contain provisions for
lead finish. All leadless chip carrier devices are delivered with solder dipped terminals as a
standard feature.
300
Surface mountable hermetic optocoupler with leads cut and bent for gull wing assembly. This
option is available on commercial and hi-rel product in 8 and 16 pin DIP (see drawings below
for details). This option has solder dipped leads.
1.14 (0.045)
1.40 (0.055)
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
1.14 (0.045)
1.40 (0.055)
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
1.40 (0.055)
1.65 (0.065)
4.57 (0.180)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.51 (0.020)
MIN.
4.57 (0.180)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
1.40 (0.055)
1.65 (0.065)
9.65 (0.380)
9.91 (0.390)
5° MAX.
4.57 (0.180)
MAX.
0.20 (0.008)
0.33 (0.013)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).


Similar Part No. - HCPL-268K

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2601 QT-HCPL-2601 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Broadcom Corporation.
HCPL-2601 BOARDCOM-HCPL-2601 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
HCPL-2601 BOARDCOM-HCPL-2601 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
More results

Similar Description - HCPL-268K

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com