Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC164245 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVC164245
Description  16-bit dual supply translating transciever; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC164245 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVC164245 Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 9Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 10Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 11Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 12Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 13Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 14Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
9397 750 13248
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 1 June 2004
11 of 19
Philips Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
11. Dynamic characteristics
Table 8:
Dynamic characteristics
GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF; see Figure 6.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL, tPLH
propagation delay
nAn to nBn
see Figure 4
VCCA = 2.3 V to 2.7 V; VCCB = 3.0 V tot 3.6 V
1.5
3.3
7.6
ns
VCCA = 2.7 V; VCCB = 4.5 V to 5.5 V
1.0
3.0
5.9
ns
VCCA = 3.0 V to 3.6 V; VCCB = 4.5 V to 5.5 V
1.0
2.9
5.8
ns
propagation delay
nBn to nAn
see Figure 4
VCCA = 2.3 V to 2.7 V; VCCB = 3.0 V tot 3.6 V
1.0
3.0
7.6
ns
VCCA = 2.7 V; VCCB = 4.5 V to 5.5 V
1.0
4.3
6.7
ns
VCCA = 3.0 V to 3.6 V; VCCB = 4.5 V to 5.5 V
1.2
2.5
5.8
ns
tPZH, tPZL
3-state output enable
time nOE to nBn
see Figure 5
VCCA = 2.3 V to 2.7 V; VCCB = 3.0 V tot 3.6 V
1.5
4.1
11.5
ns
VCCA = 2.7 V; VCCB = 4.5 V to 5.5 V
1.5
3.6
9.2
ns
VCCA = 3.0 V to 3.6 V; VCCB = 4.5 V to 5.5 V
1.0
3.2
8.9
ns
3-state output enable
time nOE to nAn
see Figure 5
VCCA = 2.3 V to 2.7 V; VCCB = 3.0 V tot 3.6 V
1.5
4.6
12.3
ns
VCCA = 2.7 V; VCCB = 4.5 V to 5.5 V
1.5
4.3
9.3
ns
VCCA = 3.0 V to 3.6 V; VCCB = 4.5 V to 5.5 V
1.0
3.2
8.9
ns
tPHZ, tPLZ
3-state output disable
time nOE to nBn
see Figure 5
VCCA = 2.3 V to 2.7 V; VCCB = 3.0 V tot 3.6 V
2.0
2.7
10.5
ns
VCCA = 2.7 V; VCCB = 4.5 V to 5.5 V
2.5
4.6
9.0
ns
VCCA = 3.0 V to 3.6 V; VCCB = 4.5 V to 5.5 V
2.1
4.9
8.6
ns
3-state output disable
time nOE to nAn
see Figure 5
VCCA = 2.3 V to 2.7 V; VCCB = 3.0 V tot 3.6 V
1.0
2.7
9.3
ns
VCCA = 2.7 V; VCCB = 4.5 V to 5.5 V
1.5
3.5
9.0
ns
VCCA = 3.0 V to 3.6 V; VCCB = 4.5 V to 5.5 V
2.0
3.2
8.6
ns
CPD
power dissipation
capacitance 5 V port:
nAn to nBn
VCCB = 5 V; VCCA = 3.3 V
[2] [3]
outputs enabled
-
30
-
pF
outputs disabled
-
15
-
pF
power dissipation
capacitance 3 V port:
nBn to nA
VCCB = 5 V; VCCA = 3.3 V
[2] [3]
outputs enabled
-
40
-
pF
outputs disabled
-
5
-
pF


Similar Part No. - 74ALVC164245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245BQ NXP-74ALVC164245BQ Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
More results

Similar Description - 74ALVC164245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com