Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV165A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LV165A
Description  8-bit parallel-in/serial-out shift register
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV165A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LV165A Datasheet HTML 1Page - NXP Semiconductors 74LV165A Datasheet HTML 2Page - NXP Semiconductors 74LV165A Datasheet HTML 3Page - NXP Semiconductors 74LV165A Datasheet HTML 4Page - NXP Semiconductors 74LV165A Datasheet HTML 5Page - NXP Semiconductors 74LV165A Datasheet HTML 6Page - NXP Semiconductors 74LV165A Datasheet HTML 7Page - NXP Semiconductors 74LV165A Datasheet HTML 8Page - NXP Semiconductors 74LV165A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2003 Jul 23
4
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74LV165A
PINNING
PIN
SYMBOL
DESCRIPTION
1
PL
asynchronous parallel load input
(active LOW)
2
CP
clock input (LOW-to-HIGH,
edge-triggered)
3
D4
parallel data input
4
D5
parallel data input
5
D6
parallel data input
6
D7
parallel data input
7
Q7
complementary serial output
from the last stage
8
GND
ground (0 V)
9
Q7
serial output from the last stage
10
DS
serial data input
11
D0
parallel data input
12
D1
parallel data input
13
D2
parallel data input
14
D3
parallel data input
15
CE
clock enable input (active LOW)
16
VCC
supply voltage
handbook, halfpage
165
MNA984
1
2
3
4
5
6
7
8
PL
CP
D4
D5
D6
D7
Q7
GND
VCC
CE
D3
D2
D1
D0
DS
Q7
16
15
14
13
12
11
10
9
Fig.1 Pin configuration.
handbook, halfpage
MNA985
D0
D1
D2
D3
D4
D5
D6
D7
CP CE
DS
Q7
Q7
10
15
2
7
9
6
PL
1
5
4
3
14
13
12
11
Fig.2 Logic symbol.
handbook, halfpage
MNA986
5
9
10
11
12
13
14
3
4
6
7
2
15
1
≥ 1
1
C3/
C2[LOAD]
G1[SHIFT]
3D
2D
2D
SRG8
Fig.3 Logic symbol (IEEE/IEC).


Similar Part No. - 74LV165A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV165A TI-74LV165A Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
logo
Nexperia B.V. All right...
74LV165A NEXPERIA-74LV165A Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
74LV165A-Q100 NEXPERIA-74LV165A-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
74LV165AD NEXPERIA-74LV165AD Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
74LV165AD-Q100 NEXPERIA-74LV165AD-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
More results

Similar Description - 74LV165A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com