Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7441BRM Datasheet(PDF) 8 Page - Analog Devices

Part # AD7441BRM
Description  Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441BRM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7441BRM Datasheet HTML 4Page - Analog Devices AD7441BRM Datasheet HTML 5Page - Analog Devices AD7441BRM Datasheet HTML 6Page - Analog Devices AD7441BRM Datasheet HTML 7Page - Analog Devices AD7441BRM Datasheet HTML 8Page - Analog Devices AD7441BRM Datasheet HTML 9Page - Analog Devices AD7441BRM Datasheet HTML 10Page - Analog Devices AD7441BRM Datasheet HTML 11Page - Analog Devices AD7441BRM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REV. PrC
PRELIMINARY TECHNICAL DATA
–8–
AD7451/AD7441
PIN CONFIGURATION µSOIC
PIN FUNCTION DESCRIPTION
Pin Mnemonic
Function
VREF
Reference Input for the AD7451/41. An external 2.5 V reference must be applied to this input.This pin
should be decoupled to GND with a capacitor of at least 0.1µF.
VIN+
Non-Inverting Input.
VIN-
Inverting Input. This pin sets the ground reference point for the VIN+ input. Connect to Ground or to
a small DC offset to provide a pseudo ground.
G N D
Analog Ground. Ground reference point for all circuitry on the AD7451/41. All analog input
signals and any external reference signal should be referred to this GND voltage.
CS
Chip Select.
Active low logic input. This input provides the dual function of initiating a conversion on
the AD7451/41 and framing the serial data transfer.
SDATA
Serial Data. Logic Output. The conversion result from the AD7451/41 is provided on this out
put as a serial data stream. The bits are clocked out on the falling edge of the SCLK input.
The data
stream of the AD7451 consists of four leading zeros followed by the 12 bits of conversion data which
are provided MSB first; the data stream of the AD7441 consists of four leading zeros, followed by the
10-bits of conversion data, followed by two trailing zeros. In both cases, the output coding is Straight
(Natural) Binary.
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock
input is also used as the clock source for the conversion process.
V DD
Power Supply Input. VDD is 2.7 V to 5.25 V. This supply should be decoupled to GND with a 0.1µF
Capacitor and a 10µF Tantalum Capacitor.
PIN CONFIGURATION 8-LEAD SOT-23
AD7451/AD7441
SOT-23
(Not to Scale)
TOP VIEW
1
2
3
4
5
6
7
8
VREF
VIN +
VIN -
GND
+5
SDATA
SCLK
VDD
AD7451/AD7441
µSOIC
(Not to Scale)
TOP VIEW
1
2
3
4
5
6
7
8
VREF
VIN +
VIN -
GND
+5
SDATA
SCLK
VDD


Similar Part No. - AD7441BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441BRMZ AD-AD7441BRMZ Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

Similar Description - AD7441BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com