Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA13622 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # CA13622
Description  ~45째 x 15째 oval beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13622 Datasheet(HTML) 4 Page - Ledil, Inc.

  CA13622 Datasheet HTML 1Page - Ledil, Inc. CA13622 Datasheet HTML 2Page - Ledil, Inc. CA13622 Datasheet HTML 3Page - Ledil, Inc. CA13622 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRODUCT
DATASHEET
CA13622_G2-NIS83-MX-2-O
GENERAL INFORMATION:
NOTE: The typical beam angle will be changed by different color, chip size
and chip position tolerance. The typical total beam angle is the full angle
measured where the luminous intensity is half of the peak value.
MATERIALS:
As part of our continuous research and improvement processes, and to ensure
the best possible quality and availability of our products, LEDiL reserves the
right to change material grades without notice.
PRODUCT DATA USER AGREEMENT AND DISCLAIMER:
The measured data in the provided downloadable LEDiL Product Datasheets
and Mechanical 2D-Drawings is rounded and provided as reference for
planning. LEDiL Oy's optical specifications have been verified by conducting
performance testing of the products in accordance with the company's quality
system. The reported data are averaged results of multiple measurements with
typical variation. LEDiL Oy reserves the right to without prior notification make
changes and improvements to its products.
LEDiL Oy assumes neither warranty, nor guarantee nor any other liability of
any kind for the contents and correctness of the provided data. The provided
data has been generated with highest diligence but the provided data may in
reality not represent the complete possible variation range of all intrinsic
parameters. Therefore, in certain cases a deviation from the provided data
could occur.
LEDiL Oy reserves the right to undertake technical changes of its products
without further notification which could lead to changes in the provided data.
LEDiL Oy assumes no liability of any kind for the possible deviation from any
provided data or any other damage resulting from the usage of the provided
data.
The user agrees to this disclaimer and user agreement with the download or
usage of the provided files.
LEDiL Oy
Joensuunkatu 13
FI-24240 SALO
Finland
LEDiL Inc.
228 West Page Street
Suite D
Sycamore IL 60178
USA
Local sales and technical
support
www.ledil.com/
where_to_buy
Shipping locations
Salo, Finland
Hong Kong, China
Distribution Partners
www.ledil.com/
where_to_buy
Last update: 17/01/2018
Subject to change without prior notice
4/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA13622

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13620 LEDIL-CA13620 Datasheet
2Mb / 5P
   ~15째 smooth spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13621 LEDIL-CA13621 Datasheet
1Mb / 5P
   ~11째 spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
logo
Cree, Inc
CA13623 CREE-CA13623 Datasheet
150Kb / 3P
   Rose series
logo
Ledil, Inc.
CA13623 LEDIL-CA13623 Datasheet
2Mb / 4P
   ~25째 medium beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13623 LEDIL-CA13623_18 Datasheet
2Mb / 4P
   ~25째 medium beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
More results

Similar Description - CA13622

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10611 LEDIL-CA10611 Datasheet
3Mb / 4P
   ~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with white holder.
CA12125 LEDIL-CA12125 Datasheet
4Mb / 4P
   ~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with black holder.
FA10340 LEDIL-FA10340 Datasheet
1Mb / 4P
   ~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with 13.5 mm high white holder.
CA13620 LEDIL-CA13620 Datasheet
2Mb / 5P
   ~15째 smooth spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FCA10938 LEDIL-FCA10938 Datasheet
1Mb / 3P
   ~45째 x 15째 oval beam optimized for Nichia NJSx036. Assembly with white holder.
CA10596 LEDIL-CA10596 Datasheet
1Mb / 4P
   ~45째 x 15째 oval beam optimized for Nichia NJSx036. Assembly with white holder.
CA13621 LEDIL-CA13621 Datasheet
1Mb / 5P
   ~11째 spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13623 LEDIL-CA13623_18 Datasheet
2Mb / 4P
   ~25째 medium beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FA11236 LEDIL-FA11236 Datasheet
5Mb / 4P
   ~45째 x 15째 oval beam optimized for Nichia NS9x153. Assembly with black holder.
CA13619 LEDIL-CA13619 Datasheet
1Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com