Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2870 Datasheet(PDF) 2 Page - Analog Devices

Part # ADN2870
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2870 Datasheet(HTML) 2 Page - Analog Devices

  ADN2870 Datasheet HTML 1Page - Analog Devices ADN2870 Datasheet HTML 2Page - Analog Devices ADN2870 Datasheet HTML 3Page - Analog Devices ADN2870 Datasheet HTML 4Page - Analog Devices ADN2870 Datasheet HTML 5Page - Analog Devices ADN2870 Datasheet HTML 6Page - Analog Devices ADN2870 Datasheet HTML 7Page - Analog Devices ADN2870 Datasheet HTML 8Page - Analog Devices ADN2870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADN2870
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
SFP Timing Specifications............................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Operating Characteristics.................................................. 8
Optical Waveforms Showing Multirate Performance Using
Low Cost Fabry Perot Tosa NEC NX7315UA .......................... 8
Optical Waveforms Showing Dual-Loop Performance Over
Temperature Using DFB Tosa SUMITOMO SLT2486............ 8
Performance Characteristics....................................................... 9
Theory of Operation ...................................................................... 11
Dual-Loop Control .................................................................... 11
Control......................................................................................... 12
Voltage Setpoint Calibration..................................................... 12
Resistor Setpoint Calibration.................................................... 14
IMPD Monitoring ...................................................................... 14
Loop Bandwidth Selection ........................................................ 15
Power Consumption .................................................................. 15
Automatic Laser Shutdown (TX_Disable).............................. 15
Bias and Modulation Monitor Currents.................................. 15
Data Inputs.................................................................................. 15
Laser Diode Interfacing............................................................. 16
Alarms.......................................................................................... 17
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
8/04—Revision 0: Initial Version


Similar Part No. - ADN2870

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
More results

Similar Description - ADN2870

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com