Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1271EVM-PDK Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS1271EVM-PDK
Description  modular EVM form factor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1271EVM-PDK Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1271EVM-PDK Datasheet HTML 3Page - Texas Instruments ADS1271EVM-PDK Datasheet HTML 4Page - Texas Instruments ADS1271EVM-PDK Datasheet HTML 5Page - Texas Instruments ADS1271EVM-PDK Datasheet HTML 6Page - Texas Instruments ADS1271EVM-PDK Datasheet HTML 7Page - Texas Instruments ADS1271EVM-PDK Datasheet HTML 8Page - Texas Instruments ADS1271EVM-PDK Datasheet HTML 9Page - Texas Instruments ADS1271EVM-PDK Datasheet HTML 10Page - Texas Instruments ADS1271EVM-PDK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
5.2
Digital Control
5.3
Communication Modes
EVM Operation
5.1.1
Buffer Amplifiers
The buffer amplifiers on this EVM are OPA1632s (U5, U6). These amplifiers are optimized for AC
performance and are configured as fully-differential unity gain buffers. They require
±15V supplies, which
are provided from J3 pins 1 and 2.
The OPA1632 requires a common mode voltage, which is provided on this EVM by U2 and U3. Some
users may not wish to use the buffer amplifier section and provide the
±15V supplies. If the ±15V supplies
are not connected, then having a voltage on the VOCM pins of the amplifiers would exceed their maximum
ratings. Thus, U2 and U3 provide a separate 2.5V reference for the buffer amplifier section rather than
using the same reference as the ADS1271, which would always be powered. For this reason, U2 and U3
power is provided through a separate regulator, U11.
The digital control signals can be applied directly to J2. The modular ADS1271EVM can also be
connected directly to a DSP or microcontroller interface board, such as the HPA449. For a current list of
compatible interface and/or accessory boards for the EVM or the ADS1271, see the relevant product
folder on the TI web site.
The ADS1271EVM has a digital routing network which can help simulate several possible system
connections. The routing network also provides level-shifting, which allows the ADS1271 to be operated at
any supported logic level regardless of the logic level used on J2. Note that you are not required to include
this circuitry in your own designs; typically no glue logic is required to connect one or more ADS1271s to a
processor.
5.3.1
Routing control
Routing is controlled by pins CLKRMODE, CLKXMODE, and OBCLKSEL on J2. CLKRMODE controls the
direction and connection of CLKR. When CLKRMODE is low, CLKR is an input connected only to SCLK.
When CLKRMODE is high, CLKR becomes an output connected to SCLK, and SCLK is tied to CLK. This
connection can be useful in both FSYNC and SPI modes. A pulldown on CLKRMODE makes FSYNC
mode the default setting.
When CLKXMODE is high, CLKX is an output connected to CLK. This setting is primarily useful for certain
configurations using TI's McBSP, where CLKX can be used as a reference clock input for the serial port.
When CLKXMODE is low, CLKX on J2 is unconnected. A pulldown on CLKXMODE makes this
configuration the default.
OBCLKSEL selects between one of two master clock sources. When OBCLKSEL is high, the on-board
clock is active and used for the master clock. When OBCLKSEL is low, the master clock is taken from
EXTCLK on J2, and the on-board oscillator is disabled. A pulldown on OBCLKSEL makes this setting the
default.
5.3.2
Using the ADS1271 communication modes
You can use either of the two ADS1271 interface modes with the ADS1271EVM. The interface modes are
chosen manually using switch S7, and cannot be selected electrically.
The FSR and FSOUT pins on J2 operate differently depending on the communication mode. In SPI mode,
FSR, which is on the socket on the bottom side of the board, carries the DRDY output signal from the first
ADC (U8), the second ADC (U7) DRDY line is not connected, and the FSOUT pin on the header on the
top side of the board is not connected. In FSYNC mode, the FSYNC pins of both ADCs are tied together,
and the signal on FSR is copied to the top connector on pin FSOUT.
ADS1271EVM & ADS1271EVM-PDK
SBAU107 – November 2004
7


Similar Part No. - ADS1271EVM-PDK

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1271 TI1-ADS1271 Datasheet
794Kb / 39P
[Old version datasheet]   24-bit, Wide Bandwidth Analog-to-Digital Converter
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271IBPWG4 TI1-ADS1271IBPWG4 Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271IBPWR TI1-ADS1271IBPWR Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
More results

Similar Description - ADS1271EVM-PDK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com