Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4838RI-TR Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA4838RI-TR
Description  Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4838RI-TR Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA4838RI-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA4838RI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA4838RI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4838RI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4838RI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4838RI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4838RI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4838RI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4838RI-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Apr., 2003
APA4838
www.anpec.com.tw
4
Electrical Characteristics
Electrical Characteristics for Volume Attenuators
The following specifications apply for V
DD= 5V. Limits apply for
T
A= 25°C
Electrical Characteristics for BTL Mode Operation
The following specifications apply for V
DD= 5V unless otherwise noted. Limits apply for
T
A= 25°C
APA4838
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Gain with V
PIN 7=5V
±0.5
C
RANGE
Attenuator Range
Attenuation with V
PIN 7=0V
-65
-78
dB
V
PIN 5=5V, Bridged Mode
-70
A
M
Mute Attenuation
V
PIN 5=5V, Single-Ended Mode
-70
dB
APA4838
Symbol
Parameter
Test Conditions
Typ.
Unit
V
OS
Output Offset Voltage
V
IN=0V
5
mV
THD=1%, f=1kHz
R
L=3Ω
R
L=4Ω
R
L=8Ω
2.3
2.0
1.2
P
O
Output Power
THD=10%, f=1kHz
R
L=8Ω
1.5
W
THD+N
Total Harmonic Distortion + Noise A
VD=2, f=1kHz
R
L=4Ω , PO =1.5W
R
L=8Ω , PO=1W
0.07
0.07
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE=100mVRms CB=2.2µF,
R
L=8Ω, f=1kHz
70
dB
X
TALK
Channel Separation
C
B=2.2µF, f=1kHz, RL=8Ω
90
dB
SNR
Signal-to-Noise Ratio
V
DD=5V, PO =1.1W, RL=8Ω,A-Wtd
Filter
95
dB
V
N
Output Noise Voltage
R
L=8Ω,A-Wtd Filter
30
µV
Electrical Characteristics for Entire IC
The following specifications apply for V
DD= 5V unless otherwise noted. Limits apply for
T
A= 25°C
APA4838
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Supply Voltage
4.5
5.5
V
I
DD
Quiescent Power Supply
Current
V
IN=0V, IO=0A
15
25
mA
I
SD
Shutdown Current
V
PIN 2= VDD
0.7
2.0
µA


Similar Part No. - APA4838RI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TR ANPEC-APA4835RI-TR Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TU ANPEC-APA4835RI-TU Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results

Similar Description - APA4838RI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com