Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGF1901-10 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGF1901-10
Description  GSM1900 EDGE power module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGF1901-10 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGF1901-10 Datasheet HTML 3Page - NXP Semiconductors BGF1901-10 Datasheet HTML 4Page - NXP Semiconductors BGF1901-10 Datasheet HTML 5Page - NXP Semiconductors BGF1901-10 Datasheet HTML 6Page - NXP Semiconductors BGF1901-10 Datasheet HTML 7Page - NXP Semiconductors BGF1901-10 Datasheet HTML 8Page - NXP Semiconductors BGF1901-10 Datasheet HTML 9Page - NXP Semiconductors BGF1901-10 Datasheet HTML 10Page - NXP Semiconductors BGF1901-10 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2004 Oct 11
7
Philips Semiconductors
Product specification
GSM1900 EDGE power module
BGF1901-10
APPLICATION INFORMATION
handbook, halfpage
TEMPERATURE
COMPENSATED
GATE BIAS
C1
C3
C5
R1
L1
C2
C4
+
VS
50
output
50
input
MBL781
Z1
Z2
Fig.10 Test circuit.
List of components (see Figs 10 and 11)
Note
1. The striplines are on a double copper-clad printed-circuit board (RO5880) with
εr = 2.2 and thickness = 0.79 mm.
COMPONENT
DESCRIPTION
VALUE
CATALOGUE
NUMBER
C1, C3
multilayer X7R ceramic chip capacitor
100 nF; 50 V
C2, C5
tantalum SMD capacitor
10
µF; 35 V
C4
electrolytic capacitor
100
µF; 35 V
L1
grade 4S2 Ferroxcube bead
4330 030 36300
R1
metal film resistor
10
Ω; 0.4 W
2322 195 13109
Z1, Z2
stripline; note 1
50


Similar Part No. - BGF1901-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGF104C INFINEON-BGF104C Datasheet
95Kb / 6P
   HSMMC Inter face Fi l ter and ESD Protect ion
V2.0, November 2009
BGF106C INFINEON-BGF106C Datasheet
571Kb / 7P
   SIM Card Interface Filter and ESD Protection
V2.0, April 2009
BGF106C INFINEON-BGF106C_13 Datasheet
181Kb / 7P
   SIM Card Interface Filter and ESD Protection
Rev. 3.1, 2013-01-16
BGF108C INFINEON-BGF108C Datasheet
586Kb / 7P
   7 Channel LCD Filter Array with ESD Protection
V2.0, Dec 2008
BGF108L INFINEON-BGF108L Datasheet
245Kb / 7P
   7 Channel LCD Filter Array with ESD Protection
V3.0, October 2008
More results

Similar Description - BGF1901-10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SAWEN1G84CV0F00 MURATA1-SAWEN1G84CV0F00 Datasheet
211Kb / 7P
   SAW FILTER FOR GSM1800/GSM1900 (Rx)
Sep. 22, 2007
logo
California Eastern Labs
NE5500179A CEL-NE5500179A Datasheet
43Kb / 5P
   4.8 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 AND GSM1900 TRANSMISSION AMPLIFIERS
logo
NXP Semiconductors
BGF944 PHILIPS-BGF944 Datasheet
91Kb / 12P
   GSM900 EDGE power module
2003 Jun 06
BGF844 PHILIPS-BGF844 Datasheet
91Kb / 12P
   GSM800 EDGE power module
2003 Jun 06
BGF1801-10 PHILIPS-BGF1801-10 Datasheet
98Kb / 11P
   GSM1800 EDGE power module
2003 Dec 15
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
   Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
   Power Module
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
   Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
   POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
   POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com