Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGM1013 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGM1013
Description  MMIC wideband amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGM1013 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGM1013 Datasheet HTML 3Page - NXP Semiconductors BGM1013 Datasheet HTML 4Page - NXP Semiconductors BGM1013 Datasheet HTML 5Page - NXP Semiconductors BGM1013 Datasheet HTML 6Page - NXP Semiconductors BGM1013 Datasheet HTML 7Page - NXP Semiconductors BGM1013 Datasheet HTML 8Page - NXP Semiconductors BGM1013 Datasheet HTML 9Page - NXP Semiconductors BGM1013 Datasheet HTML 10Page - NXP Semiconductors BGM1013 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
9397 750 14413
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 9 December 2004
7 of 14
Philips Semiconductors
BGM1013
MMIC wideband amplifier
IS = 27.5 mA; VS = 5 V; PD = −35 dBm; Zo = 50 Ω.
Fig 4.
Input reflection coefficient (s11); typical values
IS = 27.5 mA; VS = 5 V; PD = −35 dBm; Zo = 50 Ω.
Fig 5.
Output reflection coefficient (s22); typical values
001aab399
90
°
−90°
5
0.2
+0.2
0
+2
+5
−5
−2
−0.2
+0.5
−0.5
+1
−1
2
1
10
0
0.2
0.6
0.4
0.8
1.0
1.0
−45°
−135°
45
°
135
°
180
°
0
°
0.5
3 GHz
100 MHz
001aab401
90
°
−90°
5
0.2
+0.2
0
+2
+5
−5
−2
−0.2
+0.5
−0.5
+1
−1
2
1
10
0
0.2
0.6
0.4
0.8
1.0
1.0
−45°
−135°
45
°
135
°
180
°
0
°
0.5
3 GHz
100 MHz


Similar Part No. - BGM1013

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGM1013 NXP-BGM1013 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGM1013

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
   MMIC wideband amplifier
2002 Sep 10
BGA2717 PHILIPS-BGA2717 Datasheet
86Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
   MMIC wideband amplifier
2002 Jan 14
BGM1012 PHILIPS-BGM1012 Datasheet
87Kb / 12P
   MMIC wideband amplifier
2002 Sep 06
BGA2850 NXP-BGA2850 Datasheet
560Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2816 NXP-BGA2816 Datasheet
249Kb / 18P
   MMIC wideband amplifier
Rev. 5-13 July 2015
BGA2714 PHILIPS-BGA2714 Datasheet
93Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2801 NXP-BGA2801 Datasheet
552Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2714 NXP-BGA2714 Datasheet
100Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2709 PHILIPS-BGA2709 Datasheet
86Kb / 12P
   MMIC wideband amplifier
2002 Aug 06
BGA2715 PHILIPS-BGA2715 Datasheet
88Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com