Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7509-55A Datasheet(PDF) 15 Page - NXP Semiconductors

Part # BUK7509-55A
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7509-55A Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button BUK7509-55A Datasheet HTML 7Page - NXP Semiconductors BUK7509-55A Datasheet HTML 8Page - NXP Semiconductors BUK7509-55A Datasheet HTML 9Page - NXP Semiconductors BUK7509-55A Datasheet HTML 10Page - NXP Semiconductors BUK7509-55A Datasheet HTML 11Page - NXP Semiconductors BUK7509-55A Datasheet HTML 12Page - NXP Semiconductors BUK7509-55A Datasheet HTML 13Page - NXP Semiconductors BUK7509-55A Datasheet HTML 14Page - NXP Semiconductors BUK7509-55A Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
© Koninklijke Philips Electronics N.V. 2002.
Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 6 August 2002
Document order number: 9397 750 09882
Contents
Philips Semiconductors
BUK75/7609-55A
TrenchMOS™ standard level FET
1
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Pinning information . . . . . . . . . . . . . . . . . . . . . . 1
5
Quick reference data . . . . . . . . . . . . . . . . . . . . . 2
6
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2
7
Thermal characteristics. . . . . . . . . . . . . . . . . . . 4
7.1
Transient thermal impedance . . . . . . . . . . . . . . 4
8
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10
10
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 13
12
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 14
13
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
14
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
15
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


Similar Part No. - BUK7509-55A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
BUK7509-55A VBSEMI-BUK7509-55A Datasheet
998Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
BUK7509-55A ISC-BUK7509-55A Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7509-55A NEXPERIA-BUK7509-55A Datasheet
974Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 2 February 2011
logo
NXP Semiconductors
BUK7509-55A PHILIPS-BUK7509-55A_15 Datasheet
378Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-2 February 2011
More results

Similar Description - BUK7509-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com