Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7905-40AIE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK7905-40AIE
Description  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7905-40AIE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK7905-40AIE Datasheet HTML 5Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 6Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 7Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 8Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 9Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 10Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 11Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 12Page - NXP Semiconductors BUK7905-40AIE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
BUK71/7905-40AIE
TrenchPLUS standard level FET
Product data
Rev. 04 — 6 February 2004
9 of 16
9397 750 12341
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
VDS =25V
Tj =25 °C; ID =25A
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Fig 14. Gate-source voltage as a function of gate
charge; typical values.
ID =50A
Isense =25mA
Fig 15. Drain-sense current ratio as a function of
gate-source voltage; typical values.
Fig 16. Drain-Isense on-state resistance as a function of
gate-source voltage; typical values.
03ni90
0
25
50
75
100
0246
VGS (V)
ID
(A)
175
°C
Tj = 25 °C
03ni26
0
2
4
6
8
10
0
20406080100
120
QG (nC)
VGS
(V)
VDS = 14 V
32 V
03nn69
400
450
500
550
600
4
8
12
16
20
VGS (V)
ID/Isense
03nk33
0
1
2
3
4
46
8
10
RD(Is)on
(
Ω)
VGS (V)


Similar Part No. - BUK7905-40AIE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7905-40AIE NXP-BUK7905-40AIE Datasheet
224Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
logo
NXP Semiconductors
BUK7905-40AIE PHILIPS-BUK7905-40AIE_15 Datasheet
224Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05-10 February 2009
More results

Similar Description - BUK7905-40AIE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7107-40ATC PHILIPS-BUK7107-40ATC Datasheet
322Kb / 16P
   TrenchPLUS standard level FET
Rev. 01-9 August 2002
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
logo
Guangdong Kexin Industr...
KUK7107-55ATE KEXIN-KUK7107-55ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7107-55AIE KEXIN-KUK7107-55AIE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7108-40AIE KEXIN-KUK7108-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com