Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3121 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM3121
Description  Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3121 Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CM3121 Datasheet HTML 3Page - California Micro Devices Corp CM3121 Datasheet HTML 4Page - California Micro Devices Corp CM3121 Datasheet HTML 5Page - California Micro Devices Corp CM3121 Datasheet HTML 6Page - California Micro Devices Corp CM3121 Datasheet HTML 7Page - California Micro Devices Corp CM3121 Datasheet HTML 8Page - California Micro Devices Corp CM3121 Datasheet HTML 9Page - California Micro Devices Corp CM3121 Datasheet HTML 10Page - California Micro Devices Corp CM3121 Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
11/12/04
CM3121
PRELIMINARY
Performance Information (cont’d)
Typical Thermal Characteristics
The overall junction to ambient thermal resistance
(
θJA) for device power dissipation (PD) consists prima-
rily of two paths in series. The first path is the junction
to the case (
θJC) which is defined by the package style,
and the second path is case to ambient (
θCA) thermal
resistance which is dependent on board layout. The
final operating junction temperature for any set of con-
ditions can be estimated by the following thermal equa-
tion:
TJUNC = TAMB + PD ( θJC ) + PD ( θCA )
= TAMB + PD ( θJA)
When a CM3121-02SB/SH (PSOP-8) is mounted on a
double-sided printed circuit board with two square
inches of copper allocated for "heat spreading," the
resulting
θJA is 40°C/W. Based on the over tempera-
ture limit of 150
° C with an ambient of 70°C, the avail-
able power of this package will be:
PD =
= 2W
PCB Layout Considerations
The CM3121-02SB/SH has a heat spreader attached
to the bottom of the PSOP-8 package in order for heat
to be transferred more easily from the package to the
PCB. The heat spreader is a copper pad of dimensions
just smaller than the package itself. By positioning the
matching pad on the PCB top layer to connect to the
spreader during manufacturing, the heat will be trans-
ferred between the two pads.
The drawing below
shows the recommended PCB layout. Note that there
are six vias on either side to allow the heat to dissipate
into the ground and power planes on the inner layers of
the PCB. Vias can be placed underneath the chip, but
this can cause blockage of the solder. The ground and
power planes should be at least 2 sq in. of copper by
the vias. It also helps dissipation if the chip is posi-
tioned away from the edge of the PCB, and not near
other heat-dissipating devices. A good thermal link
from the PCB pad to the rest of the PCB will assure the
best heat transfer from the CM3121 package to ambi-
ent,
θJA, of around 40°C/W.
Figure 3. Recommended Heat Sink PCB Layout
150
° C70° C
40
° C/ W
---------------------------------------


Similar Part No. - CM3121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM312 ETC-CM312 Datasheet
175Kb / 56P
   Communications utilityModule
logo
Chicago Miniature Lamp,...
CM312 CML-CM312 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM312 VCC-CM312 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
   IO-link master transceiver
Rev. 1.0, 7/2016
More results

Similar Description - CM3121

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3131 CALMIRCO-CM3131 Datasheet
367Kb / 10P
   Triple Linear Voltage Regulator for DDR-I/-II Memory
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 2; 3/10
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
   Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 8/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com