Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3708JGIT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM3708JGIT
Description  3A LOW LOISE PWM STEP DOWN REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM3708JGIT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM3708JGIT Datasheet HTML 1Page - List of Unclassifed Manufacturers CM3708JGIT Datasheet HTML 2Page - List of Unclassifed Manufacturers CM3708JGIT Datasheet HTML 3Page - List of Unclassifed Manufacturers CM3708JGIT Datasheet HTML 4Page - List of Unclassifed Manufacturers CM3708JGIT Datasheet HTML 5Page - List of Unclassifed Manufacturers CM3708JGIT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CM3708A
3A LOW-NOISE PWM STEP-DOWN REGULATOR
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM3708AIT
-40℃ to 85℃
16-Pin PTSSOP (PT16)
CM3708AGIT*
-40℃ to 85℃
16-Pin PTSSOP (PT16)
CM3708AIS
-40℃ to 85℃
16-Pin PSOP (PS16)
CM3708AGIS*
-40℃ to 85℃
16-Pin PSOP (PS16)
*Note: G : Suffix for Pb Free Product
ABSOLUTE MAXIMUM RATINGS
Junction Temperature ...…………………… …………150°C
Absolute maximum ratings are those values beyond which the
device could be permanently damaged.
Storage Temperature ……................……. -65°C to 125°C
PVIN/VIN …………......................................….......-0.3V to 6.0V
Lead Temperature (Soldering, 5 sec)……………….. 260°C
Voltage on Any Other Pin ………... GND – 0.3V to VIN + 0.3V
Thermal Dissipation(θJC )….. ………………….. .50°C/W
Output Current, Source or Sink ……......…………........…...3.0A
OPERATING CONDITIONS
Temperature Range ............................. -40°C to 85°C
PVIN Operating Range .........................2.0V to 5.0V
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, these specifications apply T
A=25°C;
VIN=+3.3V and PVIN=+3.3V)
maximum ratings are stress ratings only and functional device operation is not implied.
(Note 1)
CM3708A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SWITCHING REGULATOR
VREF
Adjustable Output Voltage
0
VIN
V
fsw
Switching Frequency
CM3708A
480
660
KHz
IOUT(RMS)
Maximum Output RMS Current
CM3708A
3.0
A
IOUT(PEAK)
Maximum Output Peak Current
CM3708A
6.0
A
Ilimit
Current limit
CM3708A
6
A
MOSFETs
RDS(ON)
Drain to Source on-State Resistance
PVIN=5V
150
180
SUPPLY
IVIN
Quiescent Current
VFB = 1.4V
LC unconnected
200
µA
IPVIN
Quiescent Current
VFB = 1.4V
LC unconnected
500
µA
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions
Note 2:
VIN, PVIN = 3.3V ±10%
Note 3:
It’s not 100% test
2004/12/13
Champion Microelectronic Corporation
Page 3


Similar Part No. - CM3708JGIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
   3A LOOW NOISE PWM STEP DOWN REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3708AGIS CHAMP-CM3708AGIS Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3708AGIT CHAMP-CM3708AGIT Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3708AIS CHAMP-CM3708AIS Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
More results

Similar Description - CM3708JGIT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1596 AIC-AIC1596 Datasheet
61Kb / 5P
   3A STEP-DOWN PWM REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
   3A LOOW NOISE PWM STEP DOWN REGULATOR
logo
Exar Corporation
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
   3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com