Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1854E-050 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1854E-050
Description  Dual Temperature-Controlled Resistors with Two Monitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1854E-050 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1854E-050 Datasheet HTML 5Page - Maxim Integrated Products DS1854E-050 Datasheet HTML 6Page - Maxim Integrated Products DS1854E-050 Datasheet HTML 7Page - Maxim Integrated Products DS1854E-050 Datasheet HTML 8Page - Maxim Integrated Products DS1854E-050 Datasheet HTML 9Page - Maxim Integrated Products DS1854E-050 Datasheet HTML 10Page - Maxim Integrated Products DS1854E-050 Datasheet HTML 11Page - Maxim Integrated Products DS1854E-050 Datasheet HTML 12Page - Maxim Integrated Products DS1854E-050 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Dual Temperature-Controlled Resistors with
Two Monitors
_____________________________________________________________________
9
Monitored Signals
Each signal (VCC, MON1, MON2, and temperature) is
available as a 16-bit value with 12-bit accuracy (left-jus-
tified) over the serial bus. See Table 1 for signal scales
and Table 2 for signal format. The four LSBs should be
masked when calculating the value.
The signals are updated every frame rate (tframe) in a
round-robin fashion.
The comparison of all four signals with the high and low
user-defined values are done automatically. The corre-
sponding flags are set to 1 within a specified time of
the occurrence of an out-of-limit condition.
Calculating Signal Values
The LSB = 100µV for VCC, and the LSB = 38.147µV for
the MON signals.
To calculate the value of VCC, convert the unsigned 16-
bit value to decimal and multiply by 100µV.
To calculate the value of MON1 or MON2, convert the
unsigned 16-bit value to decimal and multiply by
38.147µV.
To calculate the value of the temperature, treat the
two’s complement value binary number as an unsigned
binary number then convert to decimal and divide by
256. If the result is greater than or equal to 128, then
subtract 256 from the result.
Temperature: high byte: -128
°C to +127°C signed; low
byte: 1/256
°C.
SIGNAL
+FS
SIGNAL
+FS
-FS
SIGNAL
-FS
Temperature
127.996
°C
7FFF
-128
°C
8000
VCC
6.55V
FFFF
0V
0000
MON1
2.5V
FFFF
0V
0000
MON2
2.5V
FFFF
0V
0000
Table 1. Scales for Monitor Channels
SIGNAL
FORMAT
VCC
Unsigned
MON1
Unsigned
MON2
Unsigned
Temperature
Two’s complement
Table 2. Signal Comparison
TEMPERATURE
CORRESPONDING LOOK-UP
TABLE ADDRESS
<-40
°C
80h
-40
°C
80h
-38
°C
81h
-36
°C
82h
-34
°C
83h
——
+98
°C
C5h
+100
°C
C6h
+102
°C
C7h
>+102
°C
C7h
Table 3. Look-up Table Address for
Corresponding Temperature Values
MSB
215
214
213
212
211
210
29
28
LSB
27
26
25
24
23
22
21
20
MSB (BIN)
LSB (BIN)
VOLTAGE (V)
10000000
10000000
3.29
11000000
11111000
4.94
S26
25
24
23
22
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
MSB (BIN)
LSB (BIN)
TEMPERATURE (
°C)
01000000
00000000
64
01000000
00001111
64.059
01011111
00000000
95
11110110
00000000
-10
11011000
00000000
-40
MSB (BIN)
LSB (BIN)
VOLTAGE (V)
11000000
00000000
1.875
10000000
10000000
1.255
Monitor/VCC Bit Weights
Temperature Bit Weights
Temperature Conversion Example
VCC Conversion Example
Monitor Conversion Example


Similar Part No. - DS1854E-050

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1854E-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
Intersil Corporation
X9455 INTERSIL-X9455_06 Datasheet
327Kb / 19P
   Dual Two-wiper Digitally-Controlled Potentiometer
logo
Texas Instruments
LMP92066 TI1-LMP92066 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Temperature-Controlled DAC
logo
Linear Technology
DC980A LINER-DC980A Datasheet
1Mb / 16P
   Monitors and Margins Two Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com