Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XZMOK53W-8ST Datasheet(PDF) 1 Page - SunLED Corporation

Part # XZMOK53W-8ST
Description  1.6 x 0.8 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMOK53W-8ST Datasheet(HTML) 1 Page - SunLED Corporation

  XZMOK53W-8ST Datasheet HTML 1Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 2Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 3Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZMOK53W-8ST
1.6 x 0.8 mm SMD Chip LED Lamp
Jun 01,2017
XDSB8566 V1-X Layout: Maggie L.
P. 1/4
Features
● Ideal for indication light on hand held products
● Long life and robust package
● Standard Package: 4,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● RoHS compliant
Absolute Maximum Ratings
(TA=25°C)
Orange
(AlGaInP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
195
mA
Power Dissipation
PD
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3. Specifications are subject to change without notice.
Orange
(AlGaInP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
610*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
601*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
λ
29
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XZMOK53W-8ST
Orange
AlGaInP
Water Clear
165
80*
627
208*
610*
100°
Luminous Intensity
CIE127-2007*
(IF=20mA)
mcd
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.


Similar Part No. - XZMOK53W-8ST

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZMOK53W-8 SUNLED-XZMOK53W-8 Datasheet
258Kb / 4P
   Long life and robust package
More results

Similar Description - XZMOK53W-8ST

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHD1608LSYCK KINGBRIGHT-APHD1608LSYCK Datasheet
306Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LVBC-D KINGBRIGHT-APHD1608LVBC-D Datasheet
305Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LZGCK KINGBRIGHT-APHD1608LZGCK Datasheet
303Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SYCK-AMT KINGBRIGHT-APT1608SYCK-AMT Datasheet
327Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608PGW KINGBRIGHT-APT1608PGW Datasheet
265Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPT-1608SURCK TO-GRACE-KPT-1608SURCK Datasheet
879Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KP-1608SURCK TO-GRACE-KP-1608SURCK Datasheet
846Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SECK-J3-PRV TO-GRACE-APT1608SECK-J3-PRV Datasheet
817Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SURCK-AMT TO-GRACE-APT1608SURCK-AMT Datasheet
989Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPHM-1608VBC-D TO-GRACE-KPHM-1608VBC-D Datasheet
860Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPHM-1608SYCK TO-GRACE-KPHM-1608SYCK Datasheet
847Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com