Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21554L Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS21554L
Description  3.3V/5V E1 Single-Chip Transceivers
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21554L Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS21554L Datasheet HTML 7Page - Maxim Integrated Products DS21554L Datasheet HTML 8Page - Maxim Integrated Products DS21554L Datasheet HTML 9Page - Maxim Integrated Products DS21554L Datasheet HTML 10Page - Maxim Integrated Products DS21554L Datasheet HTML 11Page - Maxim Integrated Products DS21554L Datasheet HTML 12Page - Maxim Integrated Products DS21554L Datasheet HTML 13Page - Maxim Integrated Products DS21554L Datasheet HTML 14Page - Maxim Integrated Products DS21554L Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
DS21354/DS21554 3.3V/5V E1 Single-Chip Transceivers
11 of 124
PIN
NAME
TYPE
FUNCTION
49
TESO
O
Transmit Elastic Store Output
50
TDATA
I
Transmit Data
51
TSYSCLK
I
Transmit System Clock
52
TSSYNC
I
Transmit System Sync
53
TCHCLK
O
Transmit Channel Clock
54
CO
O
Carry Out
55
MUX
I
Bus Operation
56
D0/AD0
I/O
Data Bus Bit0/Address/Data Bus Bit 0
57
D1/AD1
I/O
Data Bus Bit1/Address/Data Bus Bit 1
58
D2/AD2
I/O
Data Bus Bit 2/Address/Data Bus 2
59
D3/AD3
I/O
Data Bus Bit 3/Address/Data Bus Bit 3
62
D4/AD4
I/O
Data Bus Bit4/Address/Data Bus Bit 4
63
D5/AD5
I/O
Data Bus Bit 5/Address/Data Bus Bit 5
64
D6/AD6
I/O
Data Bus Bit 6/Address/Data Bus Bit 6
65
D7/AD7
I/O
Data Bus Bit 7/Address/Data Bus Bit 7
66
A0
I
Address Bus Bit 0
67
A1
I
Address Bus Bit 1
68
A2
I
Address Bus Bit 2
69
A3
I
Address Bus Bit 3
70
A4
I
Address Bus Bit 4
71
A5
I
Address Bus Bit 5
72
A6
I
Address Bus Bit 6
73
ALE (AS)/A7
I
Address Latch Enable/Address Bus Bit 7
74
RD (DS)
I
Read Input (Data Strobe), Active Low
75
CS
I
Chip Select, Active Low
76
FMS
I
Framer Mode Select
77
WR (R/W)
I
Write Input (Read/Write), Active Low
78
RLINK
O
Receive Link Data
79
RLCLK
O
Receive Link Clock
82
RCLK
O
Receive Clock
85
RDATA
O
Receive Data
86
RPOSI
I
Receive Positive Data Input
87
RNEGI
I
Receive Negative Data Input
88
RCLKI
I
Receive Clock Input
89
RCLKO
O
Receive Clock Output
90
RNEGO
O
Receive Negative Data Output
91
RPOSO
O
Receive Positive Data Output
92
RCHCLK
O
Receive Channel Clock
93
RSIGF
O
Receive Signaling Freeze Output
94
RSIG
O
Receive Signaling Output
95
RSER
O
Receive Serial Data
96
RMSYNC
O
Receive Multiframe Sync
97
RFSYNC
O
Receive Frame Sync
98
RSYNC
I/O
Receive Sync
99
RLOS/LOTC
O
Receive Loss Of Sync/ Loss Of Transmit Clock
100
RSYSCLK
I
Receive System Clock


Similar Part No. - DS21554L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
More results

Similar Description - DS21554L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
OPLINK Communications I...
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com