Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54032704400 Datasheet(PDF) 5 Page - Sumida Corporation

Part # 54032704400
Description  SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54032704400 Datasheet(HTML) 5 Page - Sumida Corporation

  54032704400 Datasheet HTML 1Page - Sumida Corporation 54032704400 Datasheet HTML 2Page - Sumida Corporation 54032704400 Datasheet HTML 3Page - Sumida Corporation 54032704400 Datasheet HTML 4Page - Sumida Corporation 54032704400 Datasheet HTML 5Page - Sumida Corporation 54032704400 Datasheet HTML 6Page - Sumida Corporation 54032704400 Datasheet HTML 7Page - Sumida Corporation 54032704400 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bestellhinweise
Baugröße 1206 / Serie 5403, 5503
drahtgewickelt
Ordering Instructions
Size 1206 / Series 5403, 5503
wire-wound
5*03 27 0 * 4 **
Bezeichnung /
Designation
(Baugröße 1206 /
Size 1206)
Induktivität L /
Inductance L
Multiplikator für L: 10x
Multiplier for L: 10x
(Beispiel /
example 27 nH)
Induktivitäts-Toleranz
Inductance Tolerance
1 ± 20 %
2 ± 10 %
3 ± 5 %
4 ± 2 %
4 vergossen, gegurtet
coated, taped & reeled
Verpackungseinheit gegurtet
packing unit taped & reeled
00 Rollen Ø 180 mm - 3.000 Stück
Reels Ø 180 mm - 3.000 pcs.
03 Rollen Ø 330 mm - 10.000 Stück
Reels Ø 330 mm - 10.000 pcs.
05 Rollen Ø 180 mm - 500 Stück
Reels Ø 180 mm - 500 pcs.
Bestellbeispiel / Ordering examples:
Chipspule / Chip Coil 1206, 270 nH, Tol. 5 %,
Metallisierung /
Metallization AgPd/Ni/Sn,
vergossen, gegurtet (3.000 Sütck) /
coated, taped & reeled (3.000 pcs.)
=
5403 271 34 00
Chipspule / Chip Coil 1206, 18000 nH, Tol. 10 %
Metallisierung /
Metallization AgPdPt,
vergossen, gegurtet (10.000 Stück) /
coated, taped & reeled (10.000 pcs.) =
5503 183 24 03
Erklärung des Artikelnummern-Schlüssels
Explanation of Part Code
Metallisierung /
Metallization
4 AgPd/Ni/Sn
5 AgPdPt (nicht magn.
/ non magnetic)
- 52 -


Similar Part No. - 54032704400

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540327 FESTO-540327 Datasheet
89Kb / 2P
   Connecting cable
4/20/22
More results

Similar Description - 54032704400

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
   SMT Chip Inductors
logo
Sumida Corporation
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com