Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54032702403 Datasheet(PDF) 4 Page - Sumida Corporation

Part # 54032702403
Description  SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54032702403 Datasheet(HTML) 4 Page - Sumida Corporation

  54032702403 Datasheet HTML 1Page - Sumida Corporation 54032702403 Datasheet HTML 2Page - Sumida Corporation 54032702403 Datasheet HTML 3Page - Sumida Corporation 54032702403 Datasheet HTML 4Page - Sumida Corporation 54032702403 Datasheet HTML 5Page - Sumida Corporation 54032702403 Datasheet HTML 6Page - Sumida Corporation 54032702403 Datasheet HTML 7Page - Sumida Corporation 54032702403 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Artikel-Nr.
L
Qmin
fL,Q
fres,min RDC,max IN,max
Tol.
Order No.
[nH]
[MHz]
[MHz]
[m
Ω]
[mA]
[%]
5*03 030 *4 **
3,3
30
100
>5000
40
1000
10/20
5*03 060 *4 **
6,8
30
100
>5000
50
1000
10/20
5*03 120 *4 **
12
30
100
4000
80
1000
10/20
5*03 150 *4 **
15
30
100
3200
80
1000
10/20
5*03 180 *4 **
18
35
100
2800
80
1000
2/5/10/20
5*03 220 *4 **
22
35
100
2300
100
1000
2/5/10/20
5*03 270 *4 **
27
40
100
2000
110
1000
2/5/10/20
5*03 330 *4 **
33
40
100
1900
110
1000
2/5/10/20
5*03 390 *4 **
39
40
100
1800
130
1000
2/5/10/20
5*03 470 *4 **
47
40
100
1400
130
1000
2/5/10/20
5*03 560 *4 **
56
35
100
1400
230
840
2/5/10/20
5*03 680 *4 **
68
40
100
1300
230
570
2/5/10/20
5*03 820 *4 **
82
40
100
1200
210
660
2/5/10/20
5*03 101 *4 **
100
40
100
1100
230
660
2/5/10/20
5*03 121 *4 **
120
40
100
1000
290
570
2/5/10/20
5*03 151 *4 **
150
45
100
970
300
530
2/5/10/20
5*03 181 *4 **
180
35
50
880
400
450
2/5/10/20
5*03 221 *4 **
220
35
50
850
470
430
2/5/10/20
5*03 271 *4 **
270
35
50
800
500
420
2/5/10/20
5*03 331 *4 **
330
35
50
710
620
410
2/5/10/20
5*03 391 *4 **
390
35
50
650
820
410
2/5/10/20
5*03 471 *4 **
470
35
50
640
1100
290
2/5/10/20
5*03 561 *4 **
560
30
35
560
1300
280
2/5/10/20
5*03 681 *4 **
680
30
35
540
1500
270
2/5/10/20
5*03 821 *4 **
820
30
35
470
1800
260
2/5/10/20
5*03 102 *4 ** 1000
30
35
450
2800
230
2/5/10/20
5*03 122 *4 ** 1200
30
35
430
3200
220
2/5/10/20
5*03 152 *4 ** 1500
25
7,9
260
1200
320
2/5/10/20
5*03 182 *4 ** 1800
25
7,9
250
1200
320
2/5/10/20
5*03 222 *4 ** 2200
25
7,9
240
1300
300
2/5/10/20
5*03 272 *4 ** 2700
25
7,9
230
1400
300
2/5/10/20
5*03 332 *4 ** 3300
25
7,9
200
1500
280
2/5/10/20
5*03 392 *4 ** 3900
25
7,9
190
1900
280
2/5/10/20
5*03 472 *4 ** 4700
25
7.9
170
2200
280
2/5/10/20
5*03 562 *4 ** 5600
25
7,9
160
2400
260
2/5/10/20
5*03 682 *4 ** 6800
25
7,9
150
2800
240
2/5/10/20
5*03 822 *4 ** 8200
25
7.9
130
3100
220
2/5/10/20
5*03 103 *4 ** 10000
25
7,9
120
4000
200
2/5/10/20
5*03 123 *4 ** 12000
18
2,5
110
4600
200
2/5/10/20
5*03 153 *4 ** 15000
16
2,5
100
8200
160
2/5/10/20
5*03 183 *4 ** 18000
16
2,5
95
9000
130
2/5/10/20
Elektrische Eigenschaften
Baugröße 1206 / Serie 5403, 5503
drahtgewickelt
Electrical Characteristics
Size 1206 / Series 5403, 5503
wire-wound
Musterkasten Bestellnummer: 5*03 000 01 00
Bestückt mit je 10 Stück der gängigsten Typen.
Sample Kit Part Number: 5*03 000 01 00
Contains a selection - 10 pcs. each of various types.
- 51 -


Similar Part No. - 54032702403

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540327 FESTO-540327 Datasheet
89Kb / 2P
   Connecting cable
4/20/22
More results

Similar Description - 54032702403

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
   SMT Chip Inductors
logo
Sumida Corporation
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com