Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54062701200 Datasheet(PDF) 3 Page - Sumida Corporation

Part # 54062701200
Description  HR-Serie SMT Chipinduktivit채ten
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54062701200 Datasheet(HTML) 3 Page - Sumida Corporation

  54062701200 Datasheet HTML 1Page - Sumida Corporation 54062701200 Datasheet HTML 2Page - Sumida Corporation 54062701200 Datasheet HTML 3Page - Sumida Corporation 54062701200 Datasheet HTML 4Page - Sumida Corporation 54062701200 Datasheet HTML 5Page - Sumida Corporation 54062701200 Datasheet HTML 6Page - Sumida Corporation 54062701200 Datasheet HTML 7Page - Sumida Corporation 54062701200 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Technische Informationen
Baugröße 0603
HR SMT Serie 54X6
Technical Details
Size 0603
HR SMT Series 54X6
BauteilabmessungennachdemNachverzinnen
Dimensionsaftertinning
Pad-LayoutEmpfehlung
Pad-Layoutrecommendation
max. 1,23
max. 1,83
Bauteilabmessungen
ComponentDimension
a
b
a
b
c
0,8...1,0
2,0...2,5
0,7...1,0
Maße/
Dimensions[mm]
-108-


Similar Part No. - 54062701200

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
54062701400 SUMIDA-54062701400 Datasheet
230Kb / 7P
   0603 (1608) drahtgewickelt (AgPd/Ni/Sn Metallisierung)
54062701400 SUMIDA-54062701400 Datasheet
1Mb / 8P
   SMT Chip Inductors
More results

Similar Description - 54062701200

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
54X8 SUMIDA-54X8 Datasheet
1Mb / 8P
   HR-Series SMT Chip Inductors
logo
Wurth Elektronik GmbH &...
691805010302 WURTH-691805010302 Datasheet
227Kb / 5P
   Serie 8050 - 2.50mm Screwless SMT - WR-TBL
691805010303 WURTH-691805010303 Datasheet
227Kb / 5P
   Serie 8050 - 2.50mm Screwless SMT - WR-TBL
695403400222 WURTH-695403400222 Datasheet
228Kb / 5P
   Serie 400 - 4.00mm SMT Horizontal Entry Connector 4.60mm Height WR-LECO
695402400222 WURTH-695402400222 Datasheet
228Kb / 5P
   Serie 400 - 4.00mm SMT Horizontal Entry Connector 4.60mm Height WR-LECO
logo
OSA Opto Light GmbH
OCL-400OWT OSA-OCL-400OWT Datasheet
478Kb / 7P
   Serie 400 - Ceramics
logo
Hammond Manufacturing L...
PBEH HAMMOND-PBEH Datasheet
78Kb / 1P
   Charnieres ext챕rieures - Serie PB
PWPVW HAMMOND-PWPVW Datasheet
75Kb / 1P
   Hublots dinspection - Serie PW
PWP HAMMOND-PWP Datasheet
64Kb / 2P
   Panneau interieur - Serie PW
logo
List of Unclassifed Man...
HR-AAAU ETC2-HR-AAAU Datasheet
29Kb / 1P
   Cell Type HR-AAAU
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com