Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54082702200 Datasheet(PDF) 5 Page - Sumida Corporation

Part # 54082702200
Description  HR-Series SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54082702200 Datasheet(HTML) 5 Page - Sumida Corporation

  54082702200 Datasheet HTML 1Page - Sumida Corporation 54082702200 Datasheet HTML 2Page - Sumida Corporation 54082702200 Datasheet HTML 3Page - Sumida Corporation 54082702200 Datasheet HTML 4Page - Sumida Corporation 54082702200 Datasheet HTML 5Page - Sumida Corporation 54082702200 Datasheet HTML 6Page - Sumida Corporation 54082702200 Datasheet HTML 7Page - Sumida Corporation 54082702200 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bestellhinweise
Baugröße 0805
HR SMT Serie 54X8, 55X8
Ordering Instructions
Size 0805
HR SMT Series 54X8, 55X8
ErklärungdesArtikelnummern-Schlüssels
ExplanationofPartCode
Chipspule0805,Medizintechnik,L=270nH,Tol.2%,
vergossen(T=125°C),gegurtet10.000Stück
ChipCoil0805,medical,L=270nH,Tol.2%,
coated(T=125°C),taped&reeled10.000pcs.
= 54M8 271 44 03
Chipspule0805,Luftfahrt,L=1,8nH,Tol.10%,
unvergossen(T=180°C),verzinnteVersion(SnPb),gegurtet3.000Stück
ChipCoil0805,aerospace,L=1,8nH,Tol.10%,
uncoated(T=180°C),tinnedversion(SnPb),taped&reeled3.000pcs.
= 54A8 182 22 T0
Bestellbeispiele / Ordering examples:
MultiplikatorfürL:10x
MultiplierforL:10x
(Beispiel/example27nH)
5**8270****
Induktivitäts-Toleranz
InductanceTolerance
1±20%
2±10%
3±5%
4±2%
InduktivitätL/
InductanceL
Applikation/
Application
0
Standard
Standard
M
Medizintechnik
Medical
A
Luftfahrt
Aerospace
C
anspruchsvolleElektronikschaltungen
criticalelectroniccircuits
Bezeichnung/
Designation
BaugrößeundMetallisierung
SizeandMetallization
54*8AgPd/Ni/Sn
55*8AgPdPt
Liefervorm/
deliveryform
2unvergossen,gegurtet
uncoated,taped&reeled
(T=180°C)
4vergossen,gegurtet
coated,taped&reeled
(T=125°C)
Verzinnung/
Tinning
0StandardMetallisierung
standardmetallization
TverzinnteVersionmitSnPb1)
(nichtinKombinationmit
RatedCurrentBurn-In-Test)
tinnedversionwithSnPb1)
(notincombinationwith
RatedCurrentBurn-Intest)
Verpackungseinheitgegurtet
packingunittaped&reeled
0RollenØ180mm,3.000Stück
ReelsØ180mm,3.000pcs.
3RollenØ180mm,10.000Stück
ReelsØ180mm,10.000pcs.
5RollenØ180mm,500Stück
ReelsØ180mm,500pcs.
1)
nichtRoHS-konform
non-RoHScompliant
-118-


Similar Part No. - 54082702200

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5408270200 SUMIDA-5408270200 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408270203 SUMIDA-5408270203 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408270205 SUMIDA-5408270205 Datasheet
1Mb / 8P
   SMT Chip Inductors
More results

Similar Description - 54082702200

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
54X6 SUMIDA-54X6 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5206 SUMIDA-5206 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5303 SUMIDA-5303 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com