Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54082702400 Datasheet(PDF) 7 Page - Sumida Corporation

Part # 54082702400
Description  HR-Series SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54082702400 Datasheet(HTML) 7 Page - Sumida Corporation

  54082702400 Datasheet HTML 1Page - Sumida Corporation 54082702400 Datasheet HTML 2Page - Sumida Corporation 54082702400 Datasheet HTML 3Page - Sumida Corporation 54082702400 Datasheet HTML 4Page - Sumida Corporation 54082702400 Datasheet HTML 5Page - Sumida Corporation 54082702400 Datasheet HTML 6Page - Sumida Corporation 54082702400 Datasheet HTML 7Page - Sumida Corporation 54082702400 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Elektrische Eigenschaften
Baugröße 0805
HR SMT Serie 54X8, 55X8
Electrical Characteristics
Size 0805
HR SMT Series 54X8, 55X8
Spule auf Ferritkörper
Coil on ferrite body
GüteQüberFrequenzf
Q-Factorvs.Frequencyf
InduktivitätLüberFrequenzf
InductanceLvs.Frequencyf
0
5
10
15
20
25
30
35
40
1
10
100
1000
f [MHz]
4700 nH
2200 nH
1000 nH
680 nH
100
1000
10000
1
10
100
1000
f [MHz]
2700 nH
1800 nH
1000 nH
820 nH
680 nH
-120-


Similar Part No. - 54082702400

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5408270200 SUMIDA-5408270200 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408270203 SUMIDA-5408270203 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408270205 SUMIDA-5408270205 Datasheet
1Mb / 8P
   SMT Chip Inductors
More results

Similar Description - 54082702400

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
54X6 SUMIDA-54X6 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5206 SUMIDA-5206 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5303 SUMIDA-5303 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com