Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM51S3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FM51S3
Description  Low Voltage High Drive Temperature Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM51S3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FM51S3 Datasheet HTML 1Page - Fairchild Semiconductor FM51S3 Datasheet HTML 2Page - Fairchild Semiconductor FM51S3 Datasheet HTML 3Page - Fairchild Semiconductor FM51S3 Datasheet HTML 4Page - Fairchild Semiconductor FM51S3 Datasheet HTML 5Page - Fairchild Semiconductor FM51S3 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.fairchildsemi.com
FM51 Rev. C
Figure 1. FM51 Output Voltage vs. Temperature
Mounting
The FM51 can be easily mounted by gluing or cementing it to a
surface. In this case, its temperature will be within about 0.2
°C of
the temperature of the surface it is attached to if the ambient air
temperature is almost the same as the surface temperature. If the
air temperature is much higher or lower than the surface tempera-
ture, the actual temperature of the FM51 die will be at an
intermediate temperature between the surface temperature and
the air temperature.
To ensure good thermal conductivity, the backside of the FM51 die
is directly attached to the GND pin. The lands and traces to the
FM51 will, of course, be part of the printed circuit board, which is
the object whose temperature is being measured. These printed
circuit board lands and traces will not cause the FM51’s tempera-
ture to deviate from the desired temperature.
Alternatively, the FM51 can be mounted inside a sealed-end metal
tube, and can then be dipped into a bath or screwed into a
threaded hole in a tank. As with any IC, the FM51 and accompa-
nying wiring and circuits must be kept insulated and dry to avoid
leak1ge and corrosion. This is especially true if the circuit may
operate at cold temperatures where condensation can occur.
Printed-circuit coatings and varnishes such as Humiseal and
epoxy paint or dips can be used to ensure that moisture cannot
corrode the FM51 or its connections.
-50 -40
-25
25
50
75
100
125
100
V
OUT
(mV)
Temperature ( C)
0
Temperature ( C) =
VOUT - 500 mV
10 mV/ C
500
1750
750


Similar Part No. - FM51S3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM5100 FORMOSA-FM5100 Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM5100 RECTRON-FM5100 Datasheet
404Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM5100 RECTRON-FM5100 Datasheet
326Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
FM5100 FRONTIER-FM5100 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Formosa MS
FM5100-B FORMOSA-FM5100-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM51S3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
   Low-Power Voltage Output Temperature Sensor
2005
logo
List of Unclassifed Man...
ATS50 ETC2-ATS50 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com