Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP520A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GP520A
Description  Programmable Analog Signal Processor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GP520A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GP520A Datasheet HTML 2Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 3Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 4Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 5Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 6Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 7Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 8Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 9Page - List of Unclassifed Manufacturers GP520A Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
510 - 78 - 06
10k
V
REG
3µ3
RF
VBIAS
13
9
57
10
11
17
6
GND
I BIAS
D
OUT
D
IN
B OUT
B
IN
OUTPUT
-
+
P GND
12
VCC
2k2
+1.3 V
S1
R IN 17
26
27
1
68n
I 10
10n
10n
68n
31
30
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Voltage on Pad 17
V
17
-
1.2
-
V
Min Receiver Bias Voltage
V
REC MIN
I
BIAS
= 0
µA (Note 1)
-
100
-
mV
Max Receiver Bias Voltage
V
REC MAX
I
BIAS
= I
R
x 1.875 (Note 1)
-
300
-
mV
Input Resistance Pad 17
R
IN17
I
BIAS
= I
R
-
40
-
k
Internal Feedback Resistor
R
F
I
10
= I
R
-
240
-
k
Max Sinking Current (Pad 11)
I
SINK
(S1 closed)
-
10
-
mA
NOTE:
1. V
REC
= V
cc
- V
11
All switches remain as shown in the Test Circuit otherwise stated in the CONDITION column.
OUTPUT STAGE
All resistors in ohms, all capacitors in
farads, unless otherwise stated.
Fig. 14 Output Stage Test Circuit
COMMENTS:
1. Pin 23 and Pin 4 represent virtual ground inputs.
2. If the length of the wires between the current sources and the GP520A is
extensive, it may be necessary to connect an RC filter close to the
appropriate GP520A pin for noise immunity.
e.g.
I
CLIP
GP520A
4
100k
10µ
All resistors in ohms, all capacitors in
farads, unless otherwise stated.


Similar Part No. - GP520A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GP521 GENNUM-GP521 Datasheet
161Kb / 8P
   General Purpose Controller / Memory Chip for Hearing Instruments
logo
List of Unclassifed Man...
GP522 ETC1-GP522 Datasheet
77Kb / 8P
   GP522 Controller Chip
More results

Similar Description - GP520A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42 Datasheet
423Kb / 24P
   CIS Analog Signal Processor
logo
Sony Corporation
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
logo
Texas Instruments
TSS400-S1 TI-TSS400-S1 Datasheet
328Kb / 27P
[Old version datasheet]   uPOWER PROGRAMMABLE HIGH-PRECISION SENSOR SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Sanyo Semicon Device
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com