Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1540 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS1540
Description  HDTV Serial Digital Non-Equalizing Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1540 Datasheet(HTML) 1 Page - Gennum Corporation

  GS1540 Datasheet HTML 1Page - Gennum Corporation GS1540 Datasheet HTML 2Page - Gennum Corporation GS1540 Datasheet HTML 3Page - Gennum Corporation GS1540 Datasheet HTML 4Page - Gennum Corporation GS1540 Datasheet HTML 5Page - Gennum Corporation GS1540 Datasheet HTML 6Page - Gennum Corporation GS1540 Datasheet HTML 7Page - Gennum Corporation GS1540 Datasheet HTML 8Page - Gennum Corporation GS1540 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: August 2000
Document No. 522 - 27- 00
PRELIMINARY DATA SHEET
FEATURES
• SMPTE 292M compliant
• 1.485 and 1.485/1.001Gb/s operation
• integrated adjustment-free reclocker
• 1:20 serial to parallel conversion
• selectable reclocked serial output
• reclocker BYPASS capability
• LOCK detect
• input jitter indicator (IJI)
• 20 bit output
• 74.25MHz or 74.25/1.001MHz clock output
• single +5.0V power supply
• minimal component count for HD SDI receive
solutions
APPLICATIONS
SMPTE 292M Serial
Digital Interfaces for Production
Switchers, Master Control Switchers, NLE's, and VTR's.
DESCRIPTION
The GS1540 is a high performance integrated Receiver
designed for HDTV component signals, conforming to the
SMPTE 292M standard. The GS1540 includes adjustment
free clock and data recovery, and 1:20 serial to parallel
conversion.
The Clock and Data Recovery stage was designed to
automatically recover the embedded clock signal and
retime the data from SMPTE 292M compliant digital video
signals. There is also a selectable reclocked serial data
buffer output and the ability to bypass the reclocker stage.
A unique feature, Input Jitter Indicator (IJI), is included for
robust system design. This feature is used to indicate
excessive input jitter before the chip mutes the outputs.
The Serial to Parallel conversion stage provides 1:20 S/P
conversion.
The GS1540 uses the GO1515 external VCO connected to
the internal PLL circuitry to achieve ultra low noise PLL
performance.
SIMPLIFIED BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
GS1540-CQR
128 pin MQFP
0°C to 70°C
RECLOCKER
CORE
S/P CONVERTER
BUFFER2
SDO_EN
SDO
SDO
DATA_OUT[19:0]
SDOint
SDOint
DDI
DDI_VTT
(opt)
DDI
BUFFER1
PCLK_OUT
HD-LINXGS1540
HDTV Serial Digital
Non-Equalizing Receiver


Similar Part No. - GS1540

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540-CQR GENNUM-GS1540-CQR Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540-CQRE3 GENNUM-GS1540-CQRE3 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
More results

Similar Description - GS1540

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com