Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4633 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 21Page - Linear Technology LTM4633 Datasheet HTML 22Page - Linear Technology LTM4633 Datasheet HTML 23Page - Linear Technology LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology LTM4633 Datasheet HTML 27Page - Linear Technology LTM4633 Datasheet HTML 28Page - Linear Technology LTM4633 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTM4633
25
4633f
For more information www.linear.com/LTM4633
applicaTions inForMaTion
Table 5. Output Voltage Response Versus Component Matrix (Refer to Figure 16) 0 to 5A Load Step Typical Measured Values
COUT1 CERAMIC
VENDORS
VALUE
PART NUMBER
COUT2 BULK
VENDORS
VALUE
PART NUMBER
ESR
CIN BULK
VENDORS
VALUE
PART
NUMBER
TDK
100µF 6.3V C4532X5R0J107MZ Sanyo POSCAP 470µF 2.5V 2R5TPD470M5
9mΩ Sanyo
56µF 25V
25SVP56M
Murata
100µF 6.3V GRM32ER60J107M Sanyo POSCAP 470µF 6.3V 6TPD470M
9mΩ
AVX
100µF 6.3V 18126D107MAT
VOUT
CIN
(CERAMIC)
CIN
(BULK)*
COUT1
(CERAMIC)
COUT2
(BULK)
CFF
VIN
DROOP
PEAK-TO-PEAK
DEVIATION AT 7A
LOAD STEP
~RECOVERY
TIME
LOAD
STEP
RFB
FREQ
1V
22µF
× 3
56µF
100µF
× 2
470µF
220pF 5V, 12V
39mV
80mV
100µs
5A/µs
242kΩ
700kHz
1V
22µF
× 3
56µF
100µF
× 3
220µF
220pF 5V, 12V
38mV
78mV
100µs
5A/µs
242kΩ
700kHz
1.2V
22µF
× 3
56µF
100µF
× 2
470µF 220pF 5V, 12V
40mV
90mV
100µs
5A/µs
121kΩ
700kHz
1.2V
22µF
× 3
56µF
100µF
× 3
220µF 220pF 5V, 12V
43mV
88mV
100µs
5A/µs
121kΩ
700kHz
1.5V
22µF
× 3
56µF
100µF
× 2
470µF 220pF 5V, 12V
50mV
100mV
100µs
5A/µs
69.8kΩ
700kHz
1.5V
22µF
× 3
56µF
100µF
× 3
220µF 220pF 5V, 12V
63mV
120mV
100µs
5A/µs
69.8kΩ
700kHz
1.8V
22µF
× 3
56µF
100µF
× 2
220µF
100pF 5V, 12V
65mV
120mV
100µs
5A/µs
48.7kΩ
700kHz
1.8V
22µF
× 3
56µF
100uF
× 4
None
100pF 5V, 12V
67mV
130mV
100µs
5A/µs
48.7kΩ
700kHz
2.5V
22µF
× 3
56µF
100µF
220µF
220pF 5V, 12V
121mV
240mV
100µs
5A/µs
28.7kΩ
700kHz
2.5V
22µF
× 3
56µF
100µF
× 2
None
100pF 5V, 12V
120mV
240mV
100µs
5A/µs
28.7kΩ
700kHz
3.3V
22µF
× 3
56µF
100µF
×2
None
100pF 5V, 12V
140mV
300mV
100µs
5A/µs
19.1kΩ
700kHz
3.3V
22µF
× 3
56µF
100µF
None
47pF
5V, 12V
180mV
320mV
100µs
5A/µs
19.1kΩ
700kHz
5V
22µF
× 3
56µF
100µF
× 2
None
100pF
12V
220mV
400mV
100µs
5A/µs
11.5kΩ
700kHz
5V
22µF
× 3
56µF
100µF
× 3
None
330pF
12V
220mV
400mV
100µs
5A/µs
11.5kΩ
700kHz
*Bulk capacitance is optional if VIN has very low input impedance.


Similar Part No. - LTM4633

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
logo
Analog Devices
LTM4633 AD-LTM4633 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4633

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com