Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4634 Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4634
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4634 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4634 Datasheet HTML 24Page - Linear Technology LTM4634 Datasheet HTML 25Page - Linear Technology LTM4634 Datasheet HTML 26Page - Linear Technology LTM4634 Datasheet HTML 27Page - Linear Technology LTM4634 Datasheet HTML 28Page - Linear Technology LTM4634 Datasheet HTML 29Page - Linear Technology LTM4634 Datasheet HTML 30Page - Linear Technology LTM4634 Datasheet HTML 31Page - Linear Technology LTM4634 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTM4634
28
4634f
For more information www.linear.com/LTM4634
Typical applicaTions
Figure 24. 24V to 12V at 2.8A, Then 12V to 1V at 10A
RFB3
4.32k
RFB1
121k
COUT3
100µF
6.3V
COUT6
100µF
6.3V
12V AT 2.8A
FOR OTHER CIRCUITS
COUT2
100µF
6.3V
47pF
1V
VFB3
47pF
12VOUT
1V AT 10A
COUT5
100µF
6.3V
COUT1
100µF
6.3V
COUT, SEE TABLE 4
RFB1 = (60.4k/2)/(VOUT/0.8) – 1
CSS3
0.1µF
24V
24V
1µF
10k
2
120k
CSS1
0.22µF
CIN3
22µF
16V
CIN4
22µF
16V
COUT4
100µF
6.3V
COUT7
22µF
16V
COUT8
22µF
16V
10k
10k
CNTL_PWR
MODE/PLLIN
RUN2
RUN3
TK/SS2
TK/SS3
FREQ/PLLLPF
COMP1
COMP2
COMP3
PGOOD12
PGOOD3
TEMP1
TEMP2
VOUT1 VFB1
VFB1
VFB1
VFB3
VOUT2 VFB2
VOUT3 VFB3
4634 F24
GND SGND
VIN1 SW1
VIN2
12VOUT AT 1.2A
SW2
VIN3
LTM4634
SW3
4.7µF
5V BIAS
INTVCC EXTVCC
TK/SS1
24V INPUT
CIN7
4.7µF
50V
56µF
50V
CIN6
4.7µF
50V
RUN1
+


Similar Part No. - LTM4634

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4634

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
   20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
   20VIN, 5A Step-Down DC/DC Module Regulator
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
   5A Synchronous Step-Down DC/DC
G5675 GMT-G5675 Datasheet
48Kb / 1P
   5A Synchronous Step-Down DC/DC
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
   Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com