Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4376A Datasheet(PDF) 54 Page - Asahi Kasei Microsystems

Part # AK4376A
Description  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376A Datasheet(HTML) 54 Page - Asahi Kasei Microsystems

Back Button AK4376A Datasheet HTML 50Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 51Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 52Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 53Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 54Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 55Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 56Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 57Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 58Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 54 -
Control Sequence
Figure 30 shows power up sequence of the headphone amplifier.
Figure 30. Power Up Sequence Example of Headphone Amplifier
Pow er Supply
PDN pin
Analog Circuit Pow er
MCKI, BCLK, LRCK
DAC Initial Setting
FS[4:0] bits
(Addr:05H, D4 - D0)
00000
01001
LDACL bit
RDACR bit
(Addr:07H, D5, D0)
OVL[4:0] bits
11001
(Addr:0BH, D4-D0)
PMCP1 bit
(Addr:01H, D0)
PMLDO1P bit
PMLDO1N bit
(Addr:01H, D5, D4)
PMDA bit
(Addr:02H, D0)
PMCP2 bit
(Addr:01H, D1)
PMHPL bit
PMHPR bit
(Addr:03H, D1, D0)
HPL pin
HPR pin
Norm al Operation
(Addr.26H) =“20H”
(Addr.2AH) =“05H”
10001
Addr.26H="40H"
Addr.2AH="00H"
6.5 m s
1 m s
4.5 m s
1 ms
10 ms
25.9 m s
1 ms


Similar Part No. - AK4376A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Similar Description - AK4376A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com